Electronic Components Datasheet Search
  English  ▼

X  

RA6963 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA6963 Datasheet HTML 1Page - RAIO Technology Inc. RA6963 Datasheet HTML 2Page - RAIO Technology Inc. RA6963 Datasheet HTML 3Page - RAIO Technology Inc. RA6963 Datasheet HTML 4Page - RAIO Technology Inc. RA6963 Datasheet HTML 5Page - RAIO Technology Inc. RA6963 Datasheet HTML 6Page - RAIO Technology Inc. RA6963 Datasheet HTML 7Page - RAIO Technology Inc. RA6963 Datasheet HTML 8Page - RAIO Technology Inc. RA6963 Datasheet HTML 9Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
2/46
RA6963
Update History
Version
Date
Description
1.0
May 29, 2007
Formal Release
1.1
September 27, 2007
Update Figure 9-4
1.2
November 15, 2007
Update < Table 8-2 > Max. fOSC to 18MHz.
Update < Table 8-4 > Max. fSCP to 9MHz.
Update the Chapter 5-4 “Misc Interface” – the description of pin
“MDS” and MD[1:0].
1.3
February 26, 2008
Update the description of pin “X1” in Section 5-4.
Update Figure 6-13, 6-14, 9-5 and 9-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com