Electronic Components Datasheet Search
  English  ▼

X  

IP1203PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 5 Page - International Rectifier

  IP1203PBF Datasheet HTML 1Page - International Rectifier IP1203PBF Datasheet HTML 2Page - International Rectifier IP1203PBF Datasheet HTML 3Page - International Rectifier IP1203PBF Datasheet HTML 4Page - International Rectifier IP1203PBF Datasheet HTML 5Page - International Rectifier IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.irf.com
5
iP1203PbF
Fig. 2: Power Loss vs. Current
Fig. 3: Safe Operating Area (SOA) vs. T
PCB & TCASE
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
PCB Temperature (°C)
0
2
4
6
8
10
12
14
16
Safe
Operating
Area
VIN = 12V
VOUT = 1.5V
fsw = 300kHz
L
= 1.0µH
Tx
0
5
10
15
Output Current (A)
0
1
2
3
4
5
6
Maximum
Typical
VIN = 12V
VOUT = 1.5V
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com