Electronic Components Datasheet Search
  English  ▼

X  

IP1203PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 1 Page - International Rectifier

  IP1203PBF Datasheet HTML 1Page - International Rectifier IP1203PBF Datasheet HTML 2Page - International Rectifier IP1203PBF Datasheet HTML 3Page - International Rectifier IP1203PBF Datasheet HTML 4Page - International Rectifier IP1203PBF Datasheet HTML 5Page - International Rectifier IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
iP1203PbF Power Block
8/11/06
iP1203PbF Simplified Application Schematic
Description
The iP1203PbF is a fully optimized solution for medium current synchronous buck applications requiring up to
15A. It includes full function PWM control, with optimized power semiconductor chipsets and associated
passives, achieving high power density. Very few external components are required to create a complete
synchronous buck power supply.
iPOWIRtechnology offers designers an innovative space-saving solution for applications requiring high
power densities. iPOWIR technology eases design for applications where component integration offers benefits
in performance and functionality. iPOWIR technology solutions are also optimized internally for layout, heat
transfer and component selection.
• 5.5V to 13.2V Input Voltage
• 0.8V to 8V Output Voltage
• 15A Maximum Load Capability
• 200-400kHz Nominal Switching Frequency
• Over Current Hiccup
• External Synchronization Capable
• Overvoltage Protection
• Over Temperature Protection
• Internal Features Minimize Layout Sensitivity
• Very Small Outline 9mm x 9mm x 2.3mm
Features
Single Output Full Function
Synchronous Buck Power Block
Integrated Power Semiconductors,
PWM Control & Passives
iP1203PbF
V
SS
FB
FB
CC
PGOOD
R
SYNC
OC
V
iP1203
V
SS
FB
FB
CC
PGOOD
R
SYNC
OC
V
V
V
OUT
IN
CC_bypass
T
SW
REF
V
V
S
IN
PD- 97108
iP1203PbF
PACKAGE
DESCRIPTION
INTERFACE
CONNECTION
PARTS PER
BAG
PARTS
PER
REEL
T & R
ORIENTATION
iP1203PbF
LGA
10
---
iP1203TRPbF
LGA
---
1000
Fig 26
Pin Number
(See Page 18) Pin Name
Pin Description
1, 23
VIN
Input voltage connection pins
2,3,4,5,7,17,20,21
PGND
Power Ground pins
6
VCC_bypass
PWM controller power supply pin. Internally generated.
Requires a 2.2µf external bypass capacitor
8SS
Soft start pin. External capacitor provides soft start. Pulling soft start pin low
will disable the output. Cannot be cycled to unlatch OVP trip
9
CC
Output of the error amplifier
10
FB
Inverting input of the error amplifier
11
FBs
Output overvoltage sense pin.
12
RT
Switching frequency setting pin. For RT selection, refer to Fig.9 of the
datasheet
13
PGOOD
Power Good pin. Open collector, requires external pulll-up. If function not
needed, pin can be left floating
14
VREF
Non inverting input of the error amplifier (reference Voltage pin). Connect a
100pF cap from this pin to PGND.
15
SYNC
External Clock synchronization pin. Set free running frequency to 80% of
the SYNC frequency. When not in use, leave pin floating
16
OCSET
Output overcurrent trip threshold pin
18,19
VSW
Output inductor connection pins
22
VSWs
Test pad, for internal use, short to VSW
24
VINs
Test pad, for internal use, short to VIN


Similar Part No. - IP1203PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
XP Power Limited
IP1203SA XPPOWER-IP1203SA Datasheet
252Kb / 1P
Regulated Single & Dual Output
More results

Similar Description - IP1203PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1001 IRF-IP1001 Datasheet
507Kb / 18P
Full Function Synchronous Buck Power Block
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com