Electronic Components Datasheet Search
  English  ▼

X  

IP1203PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier IP1203PBF Datasheet HTML 10Page - International Rectifier IP1203PBF Datasheet HTML 11Page - International Rectifier IP1203PBF Datasheet HTML 12Page - International Rectifier IP1203PBF Datasheet HTML 13Page - International Rectifier IP1203PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.irf.com
10
iP1203PbF
The operating switching frequency (f
SW) range of
iP1203PbF is 200 kHz to 400 kHz. The desired fre-
quency is set by placing an external resistor to the
RT pin of the iP1203PbF. See Fig. 9 for the proper
resistor value.
The iP1203PbF is capable of accepting an external
digital synchronization signal. Synchronization will
be enabled by the rising edge clock. The free run-
ning oscillator frequency is twice the switching fre-
quency. During synchronization, RT is selected such
that the free running frequency is 20% below the
synchronization frequency. The maximum synchro-
nization frequency that iP1203PbF can accept is
800kHz. Note that the actual switching frequency is
half the synchronization frequency.
iP1203PbF User’s Design Guidelines
The iP1203PbF is a single output 15A power block
consisting of optimized power semiconductors, PWM
control and its associated passive components. It is
based on a synchronous buck topology and offers
an optimized solution where space, efficiency and
noise caused by parasitics are of concern. The power
block operates with fixed frequency voltage mode
control. The iP1203PbF components are integrated
in a land grid array (LGA) package.
V
IN / Enabling the Output
The input operating voltage range of the iP1203PbF
is 5.5V to 13.2V.
The iP1203PbF output is turned on upon application
of input voltage. The V
IN slew rate should not exceed
50mV/µs. The converter can also be turned on and
off by releasing or pulling the SS pin low through a
logic level MOSFET, the drain of which connects to
the soft start pin (see Fig.12). This feature can be
useful if sequencing or different start-up timing of dif-
ferent system outputs are required. In situations where
the output has undergone a latched shutdown due to
overvoltage, cycling Vin will reset the output. Cycling
soft start pin will not unlatch the output.
Soft Start
The Soft Start function provides a controlled rise of
the output voltage, thus limiting the inrush current.
The soft start function has an internal 25µA +/-20%
current source that charges the external soft start
capacitor Css up to 3V. During power-up, the output
voltage starts ramping up only after the charging volt-
age across the Css capacitor has reached a 0.8Vtyp
threshold, as shown in Fig. 13.
Fig. 13: Power Up Threshold
3V
0.8Vtyp
VCss
VOUT
Fig.12: Soft Start/Enable Circuit
Frequency and Synchronization
Css
Iss
iP1203
SS
10
10
iP1203PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com