Electronic Components Datasheet Search
  English  ▼

X  

IP1203PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1203PBF Datasheet HTML 2Page - International Rectifier IP1203PBF Datasheet HTML 3Page - International Rectifier IP1203PBF Datasheet HTML 4Page - International Rectifier IP1203PBF Datasheet HTML 5Page - International Rectifier IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier IP1203PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.irf.com
6
iP1203PbF
Fig. 6: Normalized Power Loss vs. Frequency
Fig. 4: Normalized Power Loss vs. V
IN
Fig. 5: Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig. 7: Normalized Power Loss vs. Inductance
0.4
0.8
1.2
1.6
2.0
2.4
Output Inductance (µH)
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN = 12V
VOUT = 1.5V
IOUT = 15A
fsw = 300kHz
TBLK = 125°C
Fig. 8: Nominal Overcurrent Threshold Setting
External Resistor Selection
Fig. 9: Switching Frequency vs R
T
200
250
300
350
400
Swiching Frequency (kHz)
0.960
1.000
1.040
1.080
1.120
-0.5
0.0
0.5
1.0
1.5
VIN = 12V
VOUT = 1.5V
IOUT = 15A
L = 1.0µH
TBLK = 125°C
6
8
10
12
14
16
18
20
22
24
Overload Current (A)
5
25
45
65
85
105
125
145
165
185
205
5
10
15
20
25
30
35
40
45
50
55
VOUT = 1.5V
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C
Vin = 12V
Vin = 5.5V
20
25
30
35
40
45
50
RT (kOhms)
200
220
240
260
280
300
320
340
360
380
400
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
Output Voltage (V)
0.92
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
1.32
1.36
-2
-1
0
1
2
3
4
5
6
7
8
9
10
VIN = 12V
IOUT = 15A
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C
5
6
7
8
9
10
11
12
13
14
Input Voltage (V)
0.96
0.98
1.00
1.02
1.04
1.06
-1.0
-0.5
0.0
0.5
1.0
1.5
VOUT = 1.5V
IOUT = 15A
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com