Electronic Components Datasheet Search
  English  ▼

X  

IP1203PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IP1203PBF Datasheet HTML 4Page - International Rectifier IP1203PBF Datasheet HTML 5Page - International Rectifier IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier IP1203PBF Datasheet HTML 10Page - International Rectifier IP1203PBF Datasheet HTML 11Page - International Rectifier IP1203PBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.irf.com
8
iP1203PbF
Example 2) Adjusting for SOA Temperature:
Assuming T
CASE = 110°C & TPCB = 90°C for both outputs
Output1 (Fig. 4)
Normalized SOA Temperature for input voltage ≈ +0.7°C
(Fig. 5)
Normalized SOA Temperature for output voltage ≈ -0.75°C
(Fig. 6)
Normalized SOA Temperature for frequency ≈ +1.0°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈ +2.0°C
TX axis intercept temp adjustment = +0.5°C - 0.75°C + 1.0°C +2.0°C ≈ +2.75°C
The following example shows how the SOA current is adjusted for a TX change of +2.75°C and output is in SOA
Fig. 10: Power Loss Test Circuit
120
10
20
30
40
50
60
70
80
90
100
110
0
0
2
4
6
8
10
12
14
16
0
102030
40
5060708090
100
110
120
PCB Temperature (ºC)
iP1203 SOA
VIN = 12V
VOUT = 1.5V
fSW = 300kHz
L=1.0uH
Case Temperature (ºC)
TX
Unadjusted SOA curve
Adjusted SOA curve
iP1203
Lo
Co
Cin
A
Iout Average
V
Vout Average
Vin DC
V
Vin Average
A
Iin Average
Iout
Averaging
Circuit
Vout
P
IN
=
V
INAverage x IINAverage
P
OUT
=
V
OUT Average xIOUTAverage
P
Loss
=
P
IN
P
OUT
-
VSW
FB
iP1203PbF
iP1203PbF SOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com