Electronic Components Datasheet Search
  English  ▼

X  

64WQ Datasheet(PDF) 36 Page - Numonyx B.V

Part # 64WQ
Description  Wireless Flash Memory (W18/W30 SCSP)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

64WQ Datasheet(HTML) 36 Page - Numonyx B.V

Back Button 64WQ Datasheet HTML 32Page - Numonyx B.V 64WQ Datasheet HTML 33Page - Numonyx B.V 64WQ Datasheet HTML 34Page - Numonyx B.V 64WQ Datasheet HTML 35Page - Numonyx B.V 64WQ Datasheet HTML 36Page - Numonyx B.V 64WQ Datasheet HTML 37Page - Numonyx B.V 64WQ Datasheet HTML 38Page - Numonyx B.V 64WQ Datasheet HTML 39Page - Numonyx B.V 64WQ Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
November 2007
36
Order Number: 251407-13
32WQ and 64WQ Family with Asynchronous RAM
17.0
PSRAM Operations
17.1
Power-Up Sequence and Initialization
The PSRAM functionality and reliability are independent of the power-up sequence and
slew rate of the core P-VCC. Any power-up sequence and slew rate is possible under use
conditions. PSRAM reliability are also independent of the power-down sequence and
slew rate of the core P-VCC.
The following power-up sequence and register setting should be used before starting
normal operation. The PSRAM power-up sequence is represented in Figure 14.
Following power application, make P-Mode high after fixing P-Mode to a low level for a
period of tI1. Make P-CS# high before making P-Mode high. P-CS# and P-Mode are
fixed to a high level for period of tI3.
17.1.1
16Mbit PSRAM Power-Up Sequence (Non-Page Mode)
For the non-page mode PSRAM (part’s RD38F1030W0YQF, PF38F1030W0YQF,
RD38F2030W0YQF, PF38F2030W0YQF) the PSRAM functionality and reliability must be
independent of the power-up sequence and power-up slew rate of the core Vcc and the
I/O Vcc (Vccq.) Any power-up sequence and power-up slew rate is possible under use
conditions. PSRAM reliability must also be independent of the power-down sequence
and power-down slew rate of the core Vcc and the I/O Vcc (Vccq.)
Once power supply voltages have reached the minimum spec value of 1.7V (or higher),
CE# must be maintained high for minimum 200us prior to commencing valid PSRAM
operation.
Figure 14: Timing Waveform for Power-Up Sequence
Table 18: Power-Up Sequence Specifications
Parameter
Description
Min
Max
Unit
Notes
tI1
Power application with P-Mode held low
50
—
μs1,2,3
tI2
P-CS# high to P-Mode high
10
—
ns
tI3
P-Mode high to P-CS# low
500
—
μs
Notes:
1.
Toggle P-Mode to low when starting the power-up sequence.
2.
tI1 is specified from when the power supply voltage reaches VCCMIN.
3.
Does not apply to 38F2020W0ZTQ1, 38F2020W0ZBQ1, 38F2030W0YTQ1, 38F2030W0YBQ1,
38F2030W0ZTQ2, and 38F2030W0ZBQ2, 38F1030W0ZTQ0, 38F1030W0ZBQ0 line items. Valid
PSRAM operations for these line items can begin 200 μs after P-Vcc has reached P-Vcc min.
Register Setting
tI3
tI1
tI2
Power Up
P-VCC
P-CS#
P-MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com