Electronic Components Datasheet Search
  English  ▼

X  

64WQ Datasheet(PDF) 18 Page - Numonyx B.V

Part # 64WQ
Description  Wireless Flash Memory (W18/W30 SCSP)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

64WQ Datasheet(HTML) 18 Page - Numonyx B.V

Back Button 64WQ Datasheet HTML 14Page - Numonyx B.V 64WQ Datasheet HTML 15Page - Numonyx B.V 64WQ Datasheet HTML 16Page - Numonyx B.V 64WQ Datasheet HTML 17Page - Numonyx B.V 64WQ Datasheet HTML 18Page - Numonyx B.V 64WQ Datasheet HTML 19Page - Numonyx B.V 64WQ Datasheet HTML 20Page - Numonyx B.V 64WQ Datasheet HTML 21Page - Numonyx B.V 64WQ Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
November 2007
18
Order Number: 251407-13
32WQ and 64WQ Family with Asynchronous RAM
6.0
Electrical Specifications
6.1
DC Characteristics
SRAM and PSRAM DC characteristics are shown in Table 7 and Table 8. Refer to the
Numonyx Wireless Flash Memory (W18) Datasheet (order number 290701) and the
Numonyx Wireless Flash Memory (W30) Datasheet (order number 290702) for flash DC
characteristics.
Table 7:
SRAM DC Characteristics
Parameter
Description
Test Conditions
1.8 V SRAM
3.0 V SRAM
Unit
Min
Max
Min
Max
S-VCC
Voltage Range
1.7
1.95
2.2
3.3
V
VDR
VCC for Data Retention
1.0
–
1.5
–
V
ICC
Operating Current at
min cycle time
IIO = 0 mA
4M
–25–
45
mA
8M
–35–
50
16M
–
40
–
55
ICC2
Operating Current at
max cycle time (1 μs)
IIO = 0 mA
4M
–
4
–
10
mA
8M
–
6
–
10
16M
–
10
–
15
ISB
Standby Current
S-CS1# ≥ S-VCC-0.2V
or S-CS2 ≤ VSS+0.2V
Address/Data toggling at
minimum cycle time
4M
–12–
15
μA
8M
–20–
25
16M
–
30
–
45
IDR
Current in Data
Retention mode
1.8 V SRAM:
S-VCC = 1.0 V
3.0 V SRAM:
S-VCC = 1.5 V
4M
–6–
5
μA
8M
–10–
12
16M
–
18
–
15
VOH
Output HIGH Voltage
IOH = -100 μA
S-VCC -
0.15
–
S-VCC -
0.1
–V
VOL
Output LOW Voltage
IOL = 100 μA,
VCCMIN
-0.1
0.2
-0.1
0.1
V
VIH
Input HIGH Voltage
S-VCC -
0.4
S-VCC+
0.2
S-VCC -
0.4
S-VCC+
0.2
V
VIL
Input LOW Voltage
-0.2
0.4
-0.2
0.6
V
IOH
Output HIGH Current
–
–
–
–
mA
IOL
Output LOW Current
–
–
–
–
mA
*IIL
Input Leakage Current
-0.2 < VIN < S-VCC + 0.2 V
-1
+1
-1
+1
μA
*ILDR
Input Leakage Current
in Data Retention Mode
-0.2 < VIN < S-VCC + 0.2 V
S-VCC = VDR
-1
+1
-1
+1
μA
* Input leakage currents include Hi-Z output leakage for bi-directional buffers with tri-state
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com