Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 32Page - Renesas Technology Corp AT25DF011 Datasheet HTML 33Page - Renesas Technology Corp AT25DF011 Datasheet HTML 34Page - Renesas Technology Corp AT25DF011 Datasheet HTML 35Page - Renesas Technology Corp AT25DF011 Datasheet HTML 36Page - Renesas Technology Corp AT25DF011 Datasheet HTML 37Page - Renesas Technology Corp AT25DF011 Datasheet HTML 38Page - Renesas Technology Corp AT25DF011 Datasheet HTML 39Page - Renesas Technology Corp AT25DF011 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 36
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
13. Electrical Specifications
13.1 Absolute Maximum Ratings
13.3 DC Characteristics for -40 °C to +85 °C
1. Typical values measured at 1.8 V @ 25
°C for the 1.7 V to 3.6 V range.
2. Typical values measured at 3.0 V @ 25
° C for the 2.3 V to 3.6 V range.
Temperature under Bias
-55
°C to +125 °C
*Notice: Stresses beyond those listed for Absolute
Maximum can cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods can affect device
reliability. Voltage extremes referenced in the Absolute
Maximum are intended to accommodate short duration
undershoot/overshoot conditions and does not imply or
guarantee functional device operation at these levels for
any extended period of time.
Storage Temperature
-65
°C to +150 °C
Absolute Maximum Vcc
3.96 V
All Output Voltages with Respect to Ground
-0.6 V to 4.2 V (Max VCC of 3.6 V + 0.6 V)
All Input Voltages with Respect to Ground
(excluding VCC pin, including NC pins)
-0.6 V to 4.2 V (Max VCC of 3.6 V + 0.6 V)
13.2 DC and AC Operating Range
Range
Endurance (cycles)
Operating Temperature (Case) 1
-40 °C to +85 °C (VCC Power Supply 1.65 V to 3.6 V)
100,000
-40
°C to 125 °C (VCC Power Supply 1.7 V to 3.6 V)
20,000
Symbol
Parameter
Condition
1.65 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other inputs
at 0 V or VCC
0.2
1
0.3
1
µA
IDPD
Deep Power-Down
Current
CS = VCC. All other inputs
at 0 V or VCC
515
8.5
15
µA
ISB
Standby Current
CS = VCC. All other inputs
at 0 V or VCC
25
40
25
40
µA
ICC1 1,2
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1 MHz; IOUT = 0 mA
4.5
9
5.5
9
mA
f = 20 MHz; IOUT = 0 mA
4.5
9
5.5
9
mA
ICC2 1,2
Active Current,
Read Operation
f = 50 MHz; IOUT = 0 mA
5
10
6
10
mA
f = 85 MHz; IOUT = 0 mA
510
6
10
mA
ICC3 1,2
Active Current,
Program Operation
CS = VCC
12
16
12
16
mA
ICC4 1,2
Active Current,
Erase Operation
CS = VCC
12
18
12
18
mA
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS levels
11
µA
VIL
Input Low Voltage
VCC x 0.2
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
0.4
V
VOH
Output High Voltage IOH = -100 µA
VCC - 0.2 V
VCC - 0.2 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com