Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 22Page - Renesas Technology Corp AT25DF011 Datasheet HTML 23Page - Renesas Technology Corp AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp AT25DF011 Datasheet HTML 25Page - Renesas Technology Corp AT25DF011 Datasheet HTML 26Page - Renesas Technology Corp AT25DF011 Datasheet HTML 27Page - Renesas Technology Corp AT25DF011 Datasheet HTML 28Page - Renesas Technology Corp AT25DF011 Datasheet HTML 29Page - Renesas Technology Corp AT25DF011 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 26
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
11.2 Write Status Register
The Write Status Register command is used to modify the BPL bit and the BP0 bit of the Status Register. Before
the Write Status Register command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status Register to a logical 1.
To issue the Write Status Register command, the CS pin must first be asserted and the opcode of 01h must be
clocked into the device followed by one byte of data. The one byte of data consists of the BPL bit value, four don’t
care bits, the BP0 bit value, and two additional don’t care bits (see Table 8). Any additional data bytes sent to the
device are ignored. When the CS pin is deasserted, the BPL bit and the BP0 bit in the Status Register are
modified, and the WEL bit in the Status Register is reset to a logical 0. The value of BP0 and the state of the BPL
bit and the WP pin before the Write Status Register command was executed (the prior state of the BPL bit and the
state of the WP pin when the CS pin is deasserted) determines whether or not software protection is changed.
See Section 9.4, Protected States and the Write Protect Pin, for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device stops the operation,
the state of the BPL and BP0 bits does not change, memory protection status does not change, and the WEL bit in
the Status Register is reset to the logical 0 state.
If the WP pin is asserted, then the BPL bit can only be set to a logical 1. If an attempt is made to reset the BPL bit
to a logical 0 while the WP pin is asserted, then the Write Status Register Byte command is ignored, and the WEL
bit in the Status Register is reset to the logical 0 state. In order to reset the BPL bit to a logical 0, the WP pin must
be deasserted.
Figure 19. Write Status Register
Table 8. Write Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BPL
XXX
X
BP0
XX
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
OPC ODE
10 11
9
814 15
13
12
1
MSB
DX
X
X
X
DX
X
STATUS REGISTER IN
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com