Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 42Page - Renesas Technology Corp AT25DF011 Datasheet HTML 43Page - Renesas Technology Corp AT25DF011 Datasheet HTML 44Page - Renesas Technology Corp AT25DF011 Datasheet HTML 45Page - Renesas Technology Corp AT25DF011 Datasheet HTML 46Page - Renesas Technology Corp AT25DF011 Datasheet HTML 47Page - Renesas Technology Corp AT25DF011 Datasheet HTML 48Page - Renesas Technology Corp AT25DF011 Datasheet HTML 49Page - Renesas Technology Corp AT25DF011 Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 48
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
17.3 TSSOP
1
E
N
TOP VIEW
SIDE VIEW
END VIEW
1. This drawing is for general information only.
Refer to JEDEC Drawing MO-153. Variation AA, for proper
dimensions, tolerances, daturns, etc.
2. Dimension D does not include mold Flash, protrusions or
gate burrs. Mold Flash, protrusions and gate burrs shall not
exceed 0.15mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or
protrusions, Inter-lead Flash and protrusions shall not
exceed 0.2 5mm (0.01 in) per side.4. Dimension b does not
include Dambar protrusion. Allowable Dambar protrusion
shall be 0.08 mm total in excess of the b dimension at
maximum material condition. Damber cannot be located on
the lower redius of the foot. Minimum space between
protrusion and adjacent lead is 0.07 mm.
5. Dimension D and E1 to be determined at Datum Plane H.
L
Notes:
C
SYMBOL
MIN
NOM
MAX
NOTE
A
A1
A2
D
E
E1
b
L
--
0.05
0.80
2.90
4.30
0.19
0.45
1.20
0.15
1.05
3.10
6.40 BSC
4.50
0.30
0.75
0.65 BSC
1.00 REF
COMMON DIMENSIONS
(Unit of Measure = mm)
e
E1
Pin 1 indicator
this corner
b
D
e
A
A1
A2
L1
C
2, 5
3, 5
4
0.60
0.09
0.20
4.40
3.00
1.00
H
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com