Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 20Page - Renesas Technology Corp AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp AT25DF011 Datasheet HTML 22Page - Renesas Technology Corp AT25DF011 Datasheet HTML 23Page - Renesas Technology Corp AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp AT25DF011 Datasheet HTML 25Page - Renesas Technology Corp AT25DF011 Datasheet HTML 26Page - Renesas Technology Corp AT25DF011 Datasheet HTML 27Page - Renesas Technology Corp AT25DF011 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 24
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
11.1.2
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the logical
1 state. The EPE bit is not set if an erase or program operation stops for any reason such as an attempt to erase
or program the memory when it is protected or if the WEL bit is not set prior to an erase or program operation. The
EPE bit is updated after every erase and program operation.
11.1.3
WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4
BP0 Bit
The BP0 bits provides feedback on the software protection status for the device. Also, the BP0 bit can also be
modified to change the state of the software protection to allow the entire memory array to be protected or
unprotected. When the BP0 bit is in the logical 0 state, then the entire memory array is unprotected. When the
BP0 bit is in the logical 1 state, then the entire memory array is protected against program and erase operations.
11.1.5
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical 0
state, the device does not accept any Byte/Page Program, erase, Program OTP Security Register, or Write Status
Register commands. The WEL bit defaults to the logical 0 state after a device power-up or reset operation. Also,
the WEL bit is reset to the logical 0 state automatically under the following conditions:
▪ Write Disable operation completes successfully
▪ Write Status Register operation completes successfully or stops
▪ Program OTP Security Register operation completes successfully or stops
▪ Byte/Page Program operation completes successfully or stops
▪ Block Erase operation completes successfully or stops
▪ Chip Erase operation completes successfully or stops
▪ Hold condition stops
If the WEL bit is in the logical 1 state, it is not reset to a logical 0 if an operation stops due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be
reset when an operation stops prematurely, the entire opcode for a Byte/Page Program, erase, Program OTP
Security Register, or Write Status Register command must have been clocked into the device.
11.1.6
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data
must be continually clocked out of the device until the state of the RDY/BSY bit changes from a logical 1 to a
logical 0.Note that the RDY/BSY bit can be read either from Status Register Byte 1 or from Status Register Byte 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com