Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 41Page - Renesas Technology Corp AT25DF011 Datasheet HTML 42Page - Renesas Technology Corp AT25DF011 Datasheet HTML 43Page - Renesas Technology Corp AT25DF011 Datasheet HTML 44Page - Renesas Technology Corp AT25DF011 Datasheet HTML 45Page - Renesas Technology Corp AT25DF011 Datasheet HTML 46Page - Renesas Technology Corp AT25DF011 Datasheet HTML 47Page - Renesas Technology Corp AT25DF011 Datasheet HTML 48Page - Renesas Technology Corp AT25DF011 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 45
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
16. Ordering Information
1. The shipping carrier option code is not marked on the devices.
2. Contact Renesas Electronics for mechanical drawing or Die Sales information.
Ordering Code 1
Package
Lead
Finish
Max. Freq.
(MHz)
Operating Voltage /
Temperature Range
AT25DF011-SSHN-B
AT25DF011-SSHN-T
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline
Package (JEDEC SOIC)
NiPdAu
104
Industrial
1.65 V to 3.6 V
(-40 °C to +85 °C)
AT25DF011-MAHN-T
8-pad, 2 x 3 x 0.6 mm, Thermally Enhanced Plastic
Ultra Thin Dual Flat No Lead Package (UDFN)
AT25DF011-XMHN-B
AT25DF011-XMHN-T
8-lead, Thin Small Outline Package
AT25DF011-DWF 2
Die in Wafer Form
N/A
AT25DF011-SSHNHR-T
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline
Package (JEDEC SOIC)
NiPdAu
Extended
1.70 V to 3.6 V /
(-40 °C to +125 °C)
AT25DF011-XMHNHR-T
8-lead, Thin Small Outline Package
AT25DF011-XMHNHR-B
AT25DF011-MAHNHR-T
8-pad, 2 x 3 x 0.6 mm, Thermally Enhanced Plastic
Ultra Thin Dual Flat No Lead Package (UDFN)
AT25DF011-DWFHT 2
Die in Wafer Form
N/A
A T 2 5 D
0 1
S S H
T
1–
–
F
Designator
Product Family
Device Density
011 = 1-megabit
Package Option
SS = 8-lead, 0.150" wide SOIC
MA = 8-pad, 2 x 3 x 0.6 mm UDFN
XM = 8-lead TSSOP
DWF = Die in Wafer Form
Device Grade
H = Green, NiPdAu lead finish
Shipping Carrier Option
B = Bulk (tubes)
T = Tape and reel
N HR
Operating Voltage
blank or N = 1.65 V to 3.6 V or 1.7 V to 3.6 V
Temperature Code
HR, HT = -40 °C to +125 °C
blank = -40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com