Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 26Page - Renesas Technology Corp AT45DB321E Datasheet HTML 27Page - Renesas Technology Corp AT45DB321E Datasheet HTML 28Page - Renesas Technology Corp AT45DB321E Datasheet HTML 29Page - Renesas Technology Corp AT45DB321E Datasheet HTML 30Page - Renesas Technology Corp AT45DB321E Datasheet HTML 31Page - Renesas Technology Corp AT45DB321E Datasheet HTML 32Page - Renesas Technology Corp AT45DB321E Datasheet HTML 33Page - Renesas Technology Corp AT45DB321E Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 30
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.16.1
Erase Sector Protection Register
In order to modify and change the values of the Sector Protection Register, it must first be erased using the Erase
Sector Protection Register command.
To erase the Sector Protection Register, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and CFh must be
clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initiate the internally self-timed erase cycle. The erasing of the Sector Protection Register takes
place in a maximum time of tPE. During this time, the RDY/BUSY bit in the Status Register indicates that the
device is busy. If the device is powered-down before the completion of the erase cycle, then the contents of the
Sector Protection Register cannot be guaranteed.
The Sector Protection Register can be erased with sector protection enabled or disabled. Since the erased state
(FFh) of each byte in the Sector Protection Register is used to indicate that a sector is specified for protection,
leaving the sector protection enabled during the erasing of the register allows the protection scheme to be more
effective in the prevention of accidental programming or erasing of the device. If for some reason an erroneous
program or erase command is sent to the device immediately after erasing the Sector Protection Register and
before the register can be reprogrammed, then the erroneous program or erase command is not processed
because all sectors would be protected.
Table 11. Erase Sector Protection Register Command
Figure 8. Erase Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3Dh
2Ah
7Fh
CFh
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com