Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 39Page - Renesas Technology Corp AT45DB321E Datasheet HTML 40Page - Renesas Technology Corp AT45DB321E Datasheet HTML 41Page - Renesas Technology Corp AT45DB321E Datasheet HTML 42Page - Renesas Technology Corp AT45DB321E Datasheet HTML 43Page - Renesas Technology Corp AT45DB321E Datasheet HTML 44Page - Renesas Technology Corp AT45DB321E Datasheet HTML 45Page - Renesas Technology Corp AT45DB321E Datasheet HTML 46Page - Renesas Technology Corp AT45DB321E Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 43
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
10.1 Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-
Down command must be issued. The Resume from Deep Power-Down command is the only command that the
device recognizes while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and then the opcode ABh must be
clocked into the device. Any additional data clocked into the device after the opcode are ignored. When the CS pin
is deasserted, the device exits the Deep Power-Down mode and return to the standby mode within the maximum
time of tRDPD. After the device has returned to the standby mode, normal command operations such as
Continuous Array Read can be resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an
even byte boundary (multiples of eight bits), then the device aborts the operation and return to the Deep Power-
Down mode.
Figure 17. Resume from Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
Opcode
High-impedance
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com