Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 71Page - Renesas Technology Corp AT45DB321E Datasheet HTML 72Page - Renesas Technology Corp AT45DB321E Datasheet HTML 73Page - Renesas Technology Corp AT45DB321E Datasheet HTML 74Page - Renesas Technology Corp AT45DB321E Datasheet HTML 75Page - Renesas Technology Corp AT45DB321E Datasheet HTML 76Page - Renesas Technology Corp AT45DB321E Datasheet HTML 77Page - Renesas Technology Corp AT45DB321E Datasheet HTML 78Page - Renesas Technology Corp AT45DB321E Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 75
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
27. Ordering Information
1. The shipping carrier suffix is not marked on the device.
2. Contact Renesas Electronics for mechanical drawing or Die Sales information.
3. Parts ordered with suffix code ‘2B’ are shipped in tape and reel (T&R) with the page size set to 512 bytes. This option is only available
for shipping in T&R (-T).
4. Parts ordered with suffix code ‘HA’ are shipped in tape and reel (T&R) only with the page size set to 528 bytes.
5. Parts ordered with suffix code ‘HC’ are shipped in tape and reel (T&R) only with the page size set to 512 bytes.
6. Contact Renesas Electronics for a description of this code.
Ordering Code
Package
Lead
Finish
fSCK
Operating
Voltage
Device
Grade
AT45DB321E-SHF-B[1]
8-lead 208-mil wide, Plastic Gull Wing
Small Outline (EIAJ SOIC)
NiPdAu
85 MHz
2.3 V to 3.6 V
Industrial
(-40
°C to 85 C)
AT45DB321E-SHF-T[1]
AT45DB321E-SHF2B-T[1][3]
AT45DB321E-SHFHA-T[1][4][6]
AT45DB321E-MWHF-Y[1]
8-contact, 6 x 8 mm, Very Thin Dual
Flat No Lead Package (VDFN)
AT45DB321E-MWHF-T[1]
AT45DB321E-MWHF2B-T [1][3]
AT45DB321E-MHF-Y[1]
8-pad (5 x 6 x 0.6mm body) Thermally
Enhanced Plastic Ultra Thin Dual Flat
No-lead (UDFN)
70 MHz
AT45DB321E-MHF-T[1]
AT45DB321E-MHF2B-T[1][3]
AT45DB321E-DWF[2]
Die in Wafer Form
n/a
85 MHz
Device Grade
H = Green, NiPdAu lead finish
U = Green, Matte Sn or Sn alloy
Designator
Product Family
Device Density
Device Generation
Shipping Carrier Option
Package Option
321 = 32-Mbit
45DB = DataFlash
B = Bulk (tubes)
T = Tape and reel
Y = Trays
Operating Voltage
F = 2.3 V minimum (2.3 V to 3.6 V)
S = 8-lead, 208-mil wide SOIC
M = 8-pad, 5 x 6 x 0.6 mm UDFN
MW = 8-pad, 6 x 8 x 1.0 mm VDFN
DWF = Die in Wafer Form
A T45DB321E-SHF2B-B
none = Standard (528 bytes/page)
2B = Binary (512 bytes/page)
Page Size Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com