Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 46Page - Renesas Technology Corp AT45DB321E Datasheet HTML 47Page - Renesas Technology Corp AT45DB321E Datasheet HTML 48Page - Renesas Technology Corp AT45DB321E Datasheet HTML 49Page - Renesas Technology Corp AT45DB321E Datasheet HTML 50Page - Renesas Technology Corp AT45DB321E Datasheet HTML 51Page - Renesas Technology Corp AT45DB321E Datasheet HTML 52Page - Renesas Technology Corp AT45DB321E Datasheet HTML 53Page - Renesas Technology Corp AT45DB321E Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 50
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
14. Operation Mode Summary
The commands described previously can be grouped into four different categories to better describe which
commands can be executed at what times.
Group A commands consist of:
1.
Main Memory Page Read
2.
Continuous Array Read (SPI)
3.
Read Sector Protection Register
4.
Read Sector Lockdown Register
5.
Read Security Register
6.
Buffer 1 (or 2) Read
Group B commands consist of:
1.
Page Erase
2.
Block Erase
3.
Sector Erase
4.
Chip Erase
5.
Main Memory Page to Buffer 1 (or 2) Transfer
6.
Main Memory Page to Buffer 1 (or 2) Compare
7.
Buffer 1 (or 2) to Main Memory Page Program with Built-In Erase
8.
Buffer 1 (or 2) to Main Memory Page Program without Built-In Erase
9.
Main Memory Page Program through Buffer 1 (or 2) with Built-In Erase
10. Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
11. Auto Page Rewrite
Group C commands consist of:
1.
Buffer 1 (or 2) Write
2.
Status Register Read
3.
Manufacturer and Device ID Read
Group D commands consist of:
1.
Erase Sector Protection Register
2.
Program Sector Protection Register
3.
Sector Lockdown
4.
Program Security Register
5.
Buffer and Page Size Configuration
6.
Freeze Sector Lockdown
If a Group A command is in progress (not fully completed), then another command in Group A, B, C, or D must not
be started. However, during the internally self-timed portion of Group B commands, any command in Group C can
be executed. The Group B commands using Buffer 1 must use Group C commands using Buffer 2 and vice versa.
Finally, during the internally self-timed portion of a Group D command, only the Status Register Read command
must be executed.
Most of the commands in Group B can be suspended and resumed, except the Buffer Transfer, Buffer Compare,
and Auto Page Rewrite operations. If a Group B command is suspended, all of the Group A commands can be
executed. See Table 5 to determine which of the Group B, Group C, and Group D commands are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com