Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E Datasheet HTML 20Page - Renesas Technology Corp AT45DB321E Datasheet HTML 21Page - Renesas Technology Corp AT45DB321E Datasheet HTML 22Page - Renesas Technology Corp AT45DB321E Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 19
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.6
Read-Modify-Write
A completely self-contained read-modify-write operation can be performed to reprogram any number of sequential
bytes in a page in the main memory array without affecting the rest of the bytes in the same page. This command
allows the device to easily emulate an EEPROM by providing a method to modify a single byte or more in the
main memory in a single operation, without the need for pre-erasing the memory or the need for any external RAM
buffers. The Read-Modify-Write command is essentially a combination of the Main Memory Page to Buffer
Transfer, Buffer Write, and Buffer to Main Memory Page Program with Built-in Erase commands.
To perform a Read-Modify-Write using the standard DataFlash page size (528 bytes), an opcode of 58h for Buffer
1 or 59h for Buffer 2 must be clocked into the device followed by three address bytes comprised of 1 dummy bit,
13 page address bits (PA12 - PA0) that specify the page in the main memory to be written, and 10 byte address
bits (BA9 - BA0) that designate the starting byte address within the page to reprogram.
To perform a Read-Modify-Write using the binary page size (512 bytes), an opcode of 58h for Buffer 1 or 59h for
Buffer 2 must be clocked into the device followed by three address bytes comprised of 2 dummy bits, 13 page
address bits (A21 - A9) that specify the page in the main memory to be written, and 9 byte address bits (A8 - A0)
designate the starting byte address within the page to reprogram.
After the address bytes have been clocked in, any number of sequential data bytes from one to 512/528 bytes can
be clocked into the device. If the end of the buffer is reached when clocking in the data, then the device wraps
around back to the beginning of the buffer. After all data bytes have been clocked into the device, a low-to-high
transition on the CS pin starts the self-contained, internal read-modify-write operation. Only the data bytes that
were clocked into the device are reprogrammed in the main memory.
Example: If only one data byte was clocked into the device, then only one byte in main memory is reprogrammed
and the remaining bytes in the main memory page remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of 8 bits); otherwise, the operation is aborted and
no data are programmed. The reprogramming of the data bytes is internally self-timed and takes place in a
maximum time of tP. During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.
The Read-Modify-Write command uses the same opcodes as the Auto Page Rewrite command. If no data bytes
are clocked into the device, then the device performs an Auto Page Rewrite operation. See “Auto Page Rewrite”
on page 38 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com