Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 38 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 34Page - Numonyx B.V M58LR256KB Datasheet HTML 35Page - Numonyx B.V M58LR256KB Datasheet HTML 36Page - Numonyx B.V M58LR256KB Datasheet HTML 37Page - Numonyx B.V M58LR256KB Datasheet HTML 38Page - Numonyx B.V M58LR256KB Datasheet HTML 39Page - Numonyx B.V M58LR256KB Datasheet HTML 40Page - Numonyx B.V M58LR256KB Datasheet HTML 41Page - Numonyx B.V M58LR256KB Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
Configuration Register
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
38/111
6
Configuration Register
The Configuration Register configures the type of bus access that the memory performs.
Refer to Section 7: Read modes for details on read operations.
The Configuration Register is set through the command interface using the Set
Configuration Register command. After a reset or power-up the device is configured for
asynchronous read (CR15 = 1). The Configuration Register bits are described in Table 12
They specify the selection of the burst length, burst type, burst X latency and the read
operation. Refer to Figures 5 and 6 for examples of synchronous burst configurations.
6.1
Read select bit (CR15)
The read select bit, CR15, switches between asynchronous and synchronous read
operations.
When the read select bit is set to ’1’, read operations are asynchronous, and when the read
select bit is set to ’0’, read operations are synchronous.
Synchronous burst read is supported in both parameter and main blocks and can be
performed across banks.
On reset or power-up the read select bit is set to ’1’ for asynchronous access.
6.2
X latency bits (CR13-CR11)
The X latency bits are used during synchronous read operations to set the number of clock
cycles between the address being latched and the first data becoming available. Refer to
Figure 5: X latency and data output configuration example.
For correct operation the X latency bits can only assume the values in Table 12:
Configuration Register.
Table 11 shows how to set the X latency parameter, taking into account the speed class of
the device and the frequency used to read the Flash memory in synchronous mode.
Table 11.
X latency settings
fmax
tKmin
X latency min
30 MHz
33 ns
3
40 MHz
25 ns
4
54 MHz
19 ns
5
66 MHz
15 ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com