Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 52 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 52 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 48Page - Numonyx B.V M58LR256KB Datasheet HTML 49Page - Numonyx B.V M58LR256KB Datasheet HTML 50Page - Numonyx B.V M58LR256KB Datasheet HTML 51Page - Numonyx B.V M58LR256KB Datasheet HTML 52Page - Numonyx B.V M58LR256KB Datasheet HTML 53Page - Numonyx B.V M58LR256KB Datasheet HTML 54Page - Numonyx B.V M58LR256KB Datasheet HTML 55Page - Numonyx B.V M58LR256KB Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
Block locking
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
52/111
9.4
Lock-down state
Blocks that are locked-down (state (0,1,x))are protected from program and erase operations
(as for locked blocks) but their protection status cannot be changed using software
commands alone. A locked or unlocked block can be locked down by issuing the Lock-Down
command. Locked-down blocks revert to the locked state when the device is reset or
powered-down.
The lock-down function is dependent on the Write Protect, WP, input pin.
When WP=0 (VIL), the blocks in the lock-down state (0,1,x) are protected from program,
erase and protection status changes.
When WP=1 (VIH) the lock-down function is disabled (1,1,x) and locked-down blocks can be
individually unlocked to the (1,1,0) state by issuing the software command, where they can
be erased and programmed.
When the lock-down function is disabled (WP=1) blocks can be locked (1,1,1) and unlocked
(1,1,0) as desired. When WP=0 blocks that were previously locked-down return to the lock-
down state (0,1,x) regardless of any changes that were made while WP=1.
Device reset or power-down resets all blocks, including those in lock-down, to the locked
state.
9.5
Locking operations during erase suspend
Changes to block lock status can be performed during an erase suspend by using the
standard locking command sequences to unlock, lock or lock-down a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block locking during an erase operation, first write the Erase Suspend command,
then check the Status Register until it indicates that the erase operation has been
suspended. Next write the desired Lock command sequence to a block and the lock status
is changed. After completing any desired lock, read, or program operations, resume the
erase operation with the Erase Resume command.
If a block is locked or locked down during an erase suspend of the same block, the locking
status bits is changed immediately, but when the erase is resumed, the erase operation
completes. Locking operations cannot be performed during a program suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com