Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 47 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 47 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 43Page - Numonyx B.V M58LR256KB Datasheet HTML 44Page - Numonyx B.V M58LR256KB Datasheet HTML 45Page - Numonyx B.V M58LR256KB Datasheet HTML 46Page - Numonyx B.V M58LR256KB Datasheet HTML 47Page - Numonyx B.V M58LR256KB Datasheet HTML 48Page - Numonyx B.V M58LR256KB Datasheet HTML 49Page - Numonyx B.V M58LR256KB Datasheet HTML 50Page - Numonyx B.V M58LR256KB Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Read modes
47/111
7.2
Synchronous burst read mode
In synchronous burst read mode the data is output in bursts synchronized with the clock. It is
possible to perform burst reads across bank boundaries.
Synchronous burst read mode can only be used to read the memory array. For other read
operations, such as read Status Register, read CFI , and read electronic signature, single
synchronous read or asynchronous random access read must be used.
In synchronous burst read mode the flow of the data output depends on parameters that are
configured in the Configuration Register.
A burst sequence starts at the first clock edge (rising or falling depending on valid Clock
edge bit CR6 in the Configuration Register) after the falling edge of Latch Enable or Chip
Enable, whichever occurs last. Addresses are internally incremented and data is output on
each data cycle after a delay which depends on the X latency bits CR13-CR11 of the
Configuration Register.
The number of words to be output during a synchronous burst read operation can be
configured as 4 words, 8 words, 16 words or continuous (burst length bits CR2-CR0). The
data can be configured to remain valid for one or two clock cycles (data output configuration
bit CR9).
The order of the data output can be modified through the wrap burst bit in the Configuration
Register. The burst sequence is sequential and can be confined inside the 4, 8 or 16 word
boundary (wrap) or overcome the boundary (no wrap).
The WAIT signal may be asserted to indicate to the system that an output delay will occur.
This delay depends on the starting address of the burst sequence and on the burst
configuration.
WAIT is asserted during the X latency, the WAIT state and at the end of a 4, 8 and 16 word
burst. It is only de-asserted when output data are valid. In continuous burst read mode a
WAIT state occurs when crossing the first 16 word boundary. If the starting address is
aligned to the burst length (4, 8 or 16 words) the wrapped configuration has no impact on
the output sequence.
The WAIT signal can be configured to be active Low or active High by setting CR10 in the
Configuration Register.
See Table 25: Synchronous read AC characteristics and Figure 11: Synchronous burst read
AC waveforms for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com