Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 81 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 81 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 77Page - Numonyx B.V M58LR256KB Datasheet HTML 78Page - Numonyx B.V M58LR256KB Datasheet HTML 79Page - Numonyx B.V M58LR256KB Datasheet HTML 80Page - Numonyx B.V M58LR256KB Datasheet HTML 81Page - Numonyx B.V M58LR256KB Datasheet HTML 82Page - Numonyx B.V M58LR256KB Datasheet HTML 83Page - Numonyx B.V M58LR256KB Datasheet HTML 84Page - Numonyx B.V M58LR256KB Datasheet HTML 85Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Common Flash interface
81/111
Appendix B
Common Flash interface
The common Flash interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the read CFI Query command is issued the device enters CFI query mode and the
data structure is read from the memory. Tables 42, 43, 44, 45, 46, 47, 48, 49, 50 and 51
show the addresses used to retrieve the data. The query data is always presented on the
lowest order data outputs (DQ0-DQ7), the other outputs (DQ8-DQ15) are set to 0.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Figure 4: Protection Register memory map). This area can be accessed only
in Read mode by the final user. It is impossible to change the security number after it has
been written by Numonyx. Issue a Read Array command to return to read mode.
1.
The Flash memory display the CFI data structure when CFI Query command is issued. In this table are
listed the main sub-sections detailed in Tables 43, 44, 45 and 46. Query data is always presented on the
lowest order data outputs.
Table 42.
Query structure overview
Offset
Sub-section name
Description
000h
Reserved
Reserved for algorithm-specific information
010h
CFI query identification string
Command set ID and algorithm data offset
01Bh
System interface information
Device timing and voltage information
027h
Device geometry definition
Flash device layout
P
Primary algorithm-specific extended query
table
Additional information specific to the primary
algorithm (optional)
A
Alternate algorithm-specific extended
query table
Additional information specific to the alternate
algorithm (optional)
080h
Security code area
Lock Protection Register
Unique device number and
User programmable OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com