Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 31 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 27Page - Numonyx B.V M58LR256KB Datasheet HTML 28Page - Numonyx B.V M58LR256KB Datasheet HTML 29Page - Numonyx B.V M58LR256KB Datasheet HTML 30Page - Numonyx B.V M58LR256KB Datasheet HTML 31Page - Numonyx B.V M58LR256KB Datasheet HTML 32Page - Numonyx B.V M58LR256KB Datasheet HTML 33Page - Numonyx B.V M58LR256KB Datasheet HTML 34Page - Numonyx B.V M58LR256KB Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
31/111
Table 7.
Factory commands
Command
Phase
Bus write operations(1)
1.
WA = Word Address in targeted bank, BKA = Bank Address, PD =Program Data, BA = Block Address, X =
‘don’t care’.
1st
2nd
3rd
Final -1
Final
Add
Data
Add Data Add Data
Add
Data
Add
Data
Blank
Check
2
BA
BCh
BA
CBh
Buffer
Enhanced
Factory
Program
Setup
2
BKA or
WA(2)
2.
Any address within the bank can be used.
80h
WA1 D0h
Program/
verify(3)
3.
The program/verify phase can be executed any number of times as long as the data is to be programmed
to the same block.
≥32
WA1
PD1 WA1 PD2 WA1 PD3
WA1 PD31 WA1 PD32
Exit
1
NOT
BA1
(4)
4.
WA1 is the start address, NOT BA1 = Not Block Address of WA1.
X
Table 8.
Electronic signature codes
Code
Address (h)
Data (h)
Manufacturer code
Bank address + 00
0020
Device code
Top
Bank address + 01
88C4 (M58LR128KT)
880D (M58LR256KT)
Bottom
Bank address + 01
88C5 (M58LR128KB)
880E (M58LR256KB)
Block protection
Locked
Block address + 02
0001
Unlocked
0000
Locked and locked-down
0003
Unlocked and locked-down
0002
Configuration Register
Bank address + 05
CR(1)
1.
CR = Configuration Register, PRLD = Protection Register Lock Data.
Protection Register
PR0 lock
ST factory default
Bank address + 80
0002
OTP area permanently
locked
0000
Protection Register PR0
Bank address + 81
Bank address + 84
Unique device number
Bank address + 85
Bank address + 88
OTP Area
Protection Register PR1 through PR16 Lock
Bank address + 89
PRLD(1)
Protection Registers PR1-PR16
Bank address + 8A
Bank address + 109
OTP area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com