Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB Datasheet(PDF) 102 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 102 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 98Page - Numonyx B.V M58LR256KB Datasheet HTML 99Page - Numonyx B.V M58LR256KB Datasheet HTML 100Page - Numonyx B.V M58LR256KB Datasheet HTML 101Page - Numonyx B.V M58LR256KB Datasheet HTML 102Page - Numonyx B.V M58LR256KB Datasheet HTML 103Page - Numonyx B.V M58LR256KB Datasheet HTML 104Page - Numonyx B.V M58LR256KB Datasheet HTML 105Page - Numonyx B.V M58LR256KB Datasheet HTML 106Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
Command interface state tables
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
102/111
Blank
Check
Setup
Ready (error)
Blank
Check
busy
Ready (error)
Busy
Blank
Check
busy
IS in Blank
Check
busy
Blank
Check
busy
IS in Blank Check
busy
Blank Check busy
Lock/CR Setup in
Erase Suspend
Erase Suspend (Lock Error)
Erase
Suspend
Erase Suspend (Lock Error)
Buffer
EFP
Setup
Ready (error)
BEFP Busy
Ready (error)
Busy
BEFP Busy(6)
1.
CI = Command Interface, CR = Configuration register, BEFP = Buffer Enhanced Factory program, P/E C = Program/Erase
controller, IS = Illegal State, BP = Buffer Program, ES = Erase Suspend.
2.
At power-up, all banks are in read array mode. Issuing a Read Array command to a busy bank, results in undetermined
data output.
3.
The two cycle command should be issued to the same bank address.
4.
If the P/E C is active, both cycles are ignored.
5.
The Clear Status Register command clears the SR error bits except when the P/E C. is busy or suspended.
6.
BEFP is allowed only when Status Register bit SR0 is reset to '0'. BEFP is busy if Block Address is first BEFP Address. Any
other commands are treated as data.
Table 52.
Command interface states - modify table, next state(1) (continued)
Current CI State
Command Input
Read
Array(2)
(FFh)
Program
Setup(3)(4)
(10/40h)
Buffer
Program
(3)(4)
(E8h)
Block
Erase,
Setup(3)(4)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase
Confirm
P/E Resume,
Block Unlock
confirm,
BEFP
Confirm(3)(4)
(D0h)
Blank
Check
confirm
(CBh)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(5)
(50h)
Read
Electronic
Signature
, Read
CFI Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com