Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9601DP
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9601DP Datasheet HTML 16Page - NXP Semiconductors PCA9601DP Datasheet HTML 17Page - NXP Semiconductors PCA9601DP Datasheet HTML 18Page - NXP Semiconductors PCA9601DP Datasheet HTML 19Page - NXP Semiconductors PCA9601DP Datasheet HTML 20Page - NXP Semiconductors PCA9601DP Datasheet HTML 21Page - NXP Semiconductors PCA9601DP Datasheet HTML 22Page - NXP Semiconductors PCA9601DP Datasheet HTML 23Page - NXP Semiconductors PCA9601DP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
002aaf079
time (ns)
2
0
4
6
voltage
(V)
- 2
horizontal scale = 62.5 ns/div
send
receive
5 V
RX
TX
SX
PCA9601
send
300 Ω
5 V
2 meter
cable
5 V
300 Ω
GND
receive
SX
RX
TX
5 V
Figure 25. Wiring transients limited by the diodes in PCA9601
Question: If we input 800 mV undershoot at TX, RX pins, what kind of problem is
expected?
Answer: When that undershoot is generated by another PCA9601 and is simply the
result of the system wiring, then there will be no problems.
Question: Will we have any functional problem or reliability problem?
Answer: No.
Question: If we add 100 Ω to 200 Ω at signal line, the overshoot becomes slightly
smaller. Is this a good idea?
Answer: No, it is not necessary to add any resistance. When the logic signal
generated by TX or TY of PCA9601 drives long traces or wiring with ICs other than
PCA9601 being driven, then adding a Schottky diode (BAT54A) as shown in Figure 26
will clamp the wiring undershoot to a value that will not cause conduction of the IC’s
internal diodes.
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
20 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com