Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9601DP
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9601DP Datasheet HTML 10Page - NXP Semiconductors PCA9601DP Datasheet HTML 11Page - NXP Semiconductors PCA9601DP Datasheet HTML 12Page - NXP Semiconductors PCA9601DP Datasheet HTML 13Page - NXP Semiconductors PCA9601DP Datasheet HTML 14Page - NXP Semiconductors PCA9601DP Datasheet HTML 15Page - NXP Semiconductors PCA9601DP Datasheet HTML 16Page - NXP Semiconductors PCA9601DP Datasheet HTML 17Page - NXP Semiconductors PCA9601DP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
PCA9601
SX
local master bus
VCCM
SCL
MASTER
I2C-BUS
Cb
buffered bus
wiring capacitance
Cm
master bus
capacitance
Rm
GND (0 V)
VCCB
buffered expansion bus
TX/RX
TX/RX
Rb
002aae881
Effective delay of SCL at master: 115 + (Rm × Cm) + (0.7 × Rb × Cb) (ns).
C = F; R = Ω.
Figure 17. Rising edge of SCL at master is delayed (clock stretch) by buffer and bus rise times
PCA9601
PCA9601
SDA
SX
local master bus
VCCM
SDA
MASTER
I2C-BUS
Cs
slave bus
capacitance
Cb
buffered bus
wiring capacitance
Cm
master bus
capacitance
Rm
GND (0 V)
VCCB
buffered expansion bus
TX/RX
TX/RX
SX
Rb
Rs
I2C-BUS
SLAVE
VCCS
remote slave bus
002aae882
Effective delay of SDA at master: 115 + 0.2(Rs × Cs) + 0.7[(Rb × Cb) + (Rm × Cm)] (ns).
C = F; R = Ω.
Figure 18. Rising edge of SDA at slave is delayed by the buffers and bus rise times
Figure 16, Figure 17, and Figure 18 show the PCA9601 used to drive extended bus
wiring with relatively large capacitances linking two I2C-bus nodes. It includes simplified
expressions for making the relevant timing calculations for 3.3 V or 5 V operation.
Because the buffers and the wiring introduce timing delays, it may be necessary to
decrease the nominal SCL frequency. In most cases the actual bus frequency will be
lower than the nominal Master timing due to bit-wise stretching of the clock periods.
The delay factors involved in calculation of the allowed bus speed are:
A: The propagation delay of the master signal through the buffers and wiring to the slave.
The important delay is that of the falling edge of SCL because this edge ‘requests’ the
data or acknowledge from a slave. See Figure 16.
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
14 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com