Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9601DP
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9601DP Datasheet HTML 8Page - NXP Semiconductors PCA9601DP Datasheet HTML 9Page - NXP Semiconductors PCA9601DP Datasheet HTML 10Page - NXP Semiconductors PCA9601DP Datasheet HTML 11Page - NXP Semiconductors PCA9601DP Datasheet HTML 12Page - NXP Semiconductors PCA9601DP Datasheet HTML 13Page - NXP Semiconductors PCA9601DP Datasheet HTML 14Page - NXP Semiconductors PCA9601DP Datasheet HTML 15Page - NXP Semiconductors PCA9601DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
PCA9601
I2C-bus
SDA
002aae877
5 V
R1
VCC
R2
R3
RX
(SDA)
TX
(SDA)
R5
R4
VCC1
I2C-bus
SDA
This simple example may be limited, if using lowest-cost couplers, to speeds as low as 5 kHz.
Refer to application notes for schematics suitable for operation to 400 kHz or higher.
Figure 13. Galvanic isolation of I2C-bus nodes via opto-couplers
PCA9601
SDA
SCL
002aae878
12 V
12 V
3.3 V to 5 V
3.3 V to 5 V
long cables
main enclosure
PCA9601
SDA
SCL
3.3 V to 5 V
3.3 V to 5 V
remote control enclosure
12 V
Figure 14. Long distance I2C-bus communication
PCA9601
SCL
RX
TX
002aae879
SX
VCC
TY
RY
SY
R2
R2
C2
C2
I2C-BUS
MASTER
SDA
VCC1
GND
R1 R1
BAT54A
cable
propagation
delay ≈ 5 ns/m
BAT54A
R1 R1
PCA9601
RX
TX
TY
RY
VCC
SX
SY
R2
R2
SCL
SDA
VCC2
GND
I2C-BUS
SLAVE(S)
C2
C2
+V cable drive
Figure 15. Driving ribbon or flat telephone cables
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
12 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com