Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9601DP
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9601DP Datasheet HTML 17Page - NXP Semiconductors PCA9601DP Datasheet HTML 18Page - NXP Semiconductors PCA9601DP Datasheet HTML 19Page - NXP Semiconductors PCA9601DP Datasheet HTML 20Page - NXP Semiconductors PCA9601DP Datasheet HTML 21Page - NXP Semiconductors PCA9601DP Datasheet HTML 22Page - NXP Semiconductors PCA9601DP Datasheet HTML 23Page - NXP Semiconductors PCA9601DP Datasheet HTML 24Page - NXP Semiconductors PCA9601DP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
002aaf080
time (ns)
2
0
4
6
voltage
(V)
- 2
horizontal scale = 62.5 ns/div
receive
5 V
RX
TX
SX
PCA9601
send
300 Ω
5 V
2 meter
cable
5 V
300 Ω
GND
receive
SX
RX
TX
5 V
send
1/2 BAT54A
Figure 26. Wiring transients limited by a Schottky diode
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
21 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com