Electronic Components Datasheet Search
  English  ▼

X  

OPA620DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 11Page - Texas Instruments OPA620DBVR Datasheet HTML 12Page - Texas Instruments OPA620DBVR Datasheet HTML 13Page - Texas Instruments OPA620DBVR Datasheet HTML 14Page - Texas Instruments OPA620DBVR Datasheet HTML 15Page - Texas Instruments OPA620DBVR Datasheet HTML 16Page - Texas Instruments OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
8.3 Feature Description
8.3.1 Operating Voltage
The OPA620 is specified over a power-supply range of 2.7V to 5.5V (±1.35V to ±2.75V). However, the supply
voltage ranges from 2.5V to 5.5V (±1.25V to ±2.75V).
8.3.2 Rail-to- Rail Input
The specified input common-mode voltage range of OPA620 extends 100mV beyond the supply rails. This
extended range is achieved with a complementary input stage: an N-channel input differential pair in parallel with
a P-channel differential pair; see also Section 8.2. The N-channel pair is active for input voltages close to the
positive rail, typically (V+) − 1.2V to 100mV greater than the positive supply. The P-channel pair is active for
inputs from 100mV less than the negative supply to approximately (V+) − 1.2V. There is a small transition region,
typically (V+) − 1.5V to (V+) − 0.9V, in which both pairs are active. This 600mV transition region vary ±500mV
with process variation. Therefore, the transition region (both input stages active) range from (V+) − 2V to (V+) −
1.5V on the low end, up to (V+) − 0.9V to (V+) − 0.4V on the high end.
A double-folded cascade adds the signal from the two input pairs and presents a differential signal to the class
AB output stage.
8.3.3 Rail-to- Rail Output
A class AB output stage with common-source transistors achieves rail-to-rail output. For high-impedance loads
(> 200Ω), the output voltage swing is typically 30mV from the supply rails. With 10Ω loads, a useful output swing
is achieved while maintaining high open-loop gain.
8.3.4 Output Drive
The OPA620 output stage supplies a ±100mA continuous output current and yet provides approximately 3.5V of
output swing on a 5V supply. For maximum reliability, do not run a continuous dc current in excess of ±100mA.
8.3.5 Capacitive Load and Stability
The OPA620 can drive a wide range of capacitive loads. However, all op amps may become unstable under
certain conditions. Key factors affecting stability include op amp configuration, gain, and load value. Unity-gain
configuration makes op amps most susceptible to capacitive loading effects. The capacitive load interacts with
the device output resistance and any additional load resistance, creating a pole in the small-signal response
that reduces phase margin. See also the Frequency Response vs Capacitive Load typical characteristic curve
(Frequency Response for Various CL Values).
The OPA620 topology enhances the ability to drive capacitive loads. In unity gain, these op amps perform well
with large capacitive loads. See also the Figure 6-14 typical characteristic curves.
Figure 8-1 shows one method of improving capacitive load drive in the unity-gain configuration is to insert a 10Ω
to 20Ω resistor in series with the output. This configuration significantly reduces ringing with large capacitive
loads; see the Frequency Response for Various CL Values typical characteristic curve. However, if there is a
resistive load in parallel with the capacitive load, RS creates a voltage divider. This voltage division introduces a
DC error at the output and slightly reduces output swing. This error can be insignificant. For instance, with RL =
10kΩ and RS = 20Ω, there is an error of approximately 0.2% at the output.
V+
OPA620
V
IN
V
OUT
R
S
R
L
C
L
GND
Figure 8-1. Series Resistor in Unity- Gain Configuration Improves Capacitive Load Drive
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com