Electronic Components Datasheet Search
  English  ▼

X  

OPA620DBVR Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 6Page - Texas Instruments OPA620DBVR Datasheet HTML 7Page - Texas Instruments OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments OPA620DBVR Datasheet HTML 10Page - Texas Instruments OPA620DBVR Datasheet HTML 11Page - Texas Instruments OPA620DBVR Datasheet HTML 12Page - Texas Instruments OPA620DBVR Datasheet HTML 13Page - Texas Instruments OPA620DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS / 2, unless otherwise noted.
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
9
12
100k
1M
10M
100M
1G
CL = 5.6pF
CL = 47pF
CL = 100pF
VO = 0.1Vpp
Figure 6-13. Frequency Response for Various CL Values
Capacitive Load (pF)
0
10
20
30
40
50
60
1
10
100
1k
For < 0.1dB
Peaking
Figure 6-14. Recommended RS vs Capacitive Load
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
CL = 5.6pF, RS = 0
CL = 47pF, RS = 140
CL = 100pF, RS = 120
CL = 47pF, RS = 47.5
CL = 100pF, RS = 34.8
VO = 0.1VPP
Figure 6-15. Frequency Response vs Capacitive Load
Frequency (Hz)
0
12
24
36
48
60
72
84
96
108
120
100
1k
10k
100k
1M
10M
100M
1G
CMRR
PSRR−
PSRR+
Figure 6-16. Common- Mode Rejection Ratio and Power- Supply
Rejection Ratio vs Frequency
Figure 6-17. Open- Loop Gain and Phase
Te mperature (
C)
-55
-25
5
35
65
95
125
1
10
100
1k
Figure 6-18. Input Bias Current vs Temperature
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com