Electronic Components Datasheet Search
  English  ▼

X  

OPA620DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 13Page - Texas Instruments OPA620DBVR Datasheet HTML 14Page - Texas Instruments OPA620DBVR Datasheet HTML 15Page - Texas Instruments OPA620DBVR Datasheet HTML 16Page - Texas Instruments OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPA620 devices are CMOS, rail-to-rail I/O, high-speed, voltage-feedback operational amplifiers designed
for current and voltage sensing, high-speed, and other applications.
The amplifiers feature a 100MHz gain bandwidth, and 190V/µs slew rate, are unity-gain stable, and operate as
1V/V voltage followers.
9.2 Typical Applications
9.2.1 Low-Side Current Sensing
The need to accurately and quickly detect the load current through a low-side shunt resistor is a critical
application in systems requiring over-current, feedback control loops, battery monitoring, and power-supply
monitoring. Load current is often measured using low-side current sensing, which is when the voltage is
measured across a shunt-resistor that is placed between the load and ground. One common way to discretely
implement low-side current monitoring is to use a current-sense amplifier in a difference configuration, as shown
in Figure 9-1.
This approach offers a simple and cost-effective way to measure current, with benefits like:
1. High accuracy with proper offset and drift control.
2. Easy ground-referenced measurement (no need for differential high-voltage handling).
3. Simplified PCB layout and signal processing.
4. Designed for fast fault detection, especially in power electronics and automotive systems.
R
1
R
Sense
R
1
R
2
R
2
GND
V
CC
PGND
Out
GND
+
–
V
CC
I
Sense
OPA620
Figure 9-1. Low-side Current Sensing Circuit
9.2.1.1 Design Requirements
For this design example, use the parameters listed in Design Parameters as the input parameters.
Table 9-1. Design Parameters
PARAMETER
EXAMPLE VALUE
Supply voltage, VCC
3.3V
Input offset voltage across temperature
±1mV
ISense
100mA - 2A
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com