Electronic Components Datasheet Search
  English  ▼

X  

OPA620DBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 15Page - Texas Instruments OPA620DBVR Datasheet HTML 16Page - Texas Instruments OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments OPA620DBVR Datasheet HTML 22Page - Texas Instruments OPA620DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
9.2.2 CPU/GPU Supply Voltage Monitoring
Under-voltage monitoring for CPU or GPU is essential for maintaining system stability and shutdown due to low
voltage in modern computing applications.
9.2.2.1 Detailed Design Procedure
The Figure 9-3 shown demonstrates a classic under-voltage detection scheme where the CPU/GPU supply
voltage (VCC) is monitored through a difference amplifier that scales the input to compare with a reference level
in next stage using comparator. The difference amplifier is usually in unity gain configuration. When VCC drops
below the predetermined threshold, the comparator output switches states to trigger protective actions such as
system shutdown, frequency throttling, or voltage regulation adjustments.
R
1
R
1
R
2
R
2
GND
V
CC
Out
GND
GND
CPU/GPU
V
DD
+
–
OPA620
Figure 9-3. Voltage Monitoring Circuit
9.2.3 Driving Analog-to-Digital Converters
9.2.3.1 Detailed Design Procedure
The OPA620 series op amps offer 60ns of settling time to 0.01%, making the series a good choice for driving
high- and medium-speed sampling ADCs and reference circuits. The OPA620 series provide an effective means
of buffering the ADC input capacitance and resulting charge injection while providing signal gain. OPA620 is an
excellent choice for applications requiring high dc accuracy.
Figure 9-4 shows the OPA620 driving an ADC. With the OPA620 in an inverting configuration, a capacitor across
the feedback resistor is used to filter high-frequency noise in the signal
ADS7816, ADS7861, or
ADS7864 12-Bit ADC
OPA620
V+
+IN
V–
2.5V
330pF
VIN
–IN
VREF
5k
5k
5V
GND
Figure 9-4. The OPA620 in Inverting Configuration Driving the ADS7816
1.
ADC input = 0V to VREF.
2.
VIN = 0V to –5V for 0V to 5V output.
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com