Electronic Components Datasheet Search
  English  ▼

X  

OPA620DBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments OPA620DBVR Datasheet HTML 22Page - Texas Instruments OPA620DBVR Datasheet HTML 23Page - Texas Instruments OPA620DBVR Datasheet HTML 24Page - Texas Instruments OPA620DBVR Datasheet HTML 25Page - Texas Instruments OPA620DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
9.4.2 Layout Example
CF
RIN
Output
Ground
Ground
Positive Power Supply
Use Low-ESR, ceramic bypass capacitors
Place 100nF capacitor close to the device
Place close to the device to
reduce parasitic capacitance
Place close to the device to
reduce parasitic capacitance
Input
V+
V–
–IN
+IN
OUT
1
2
3
4
5
Ground
1 F
100nF
RG
RF
Ground
Ground and power plane exist on
inner layers.
Ground and power plane removed
from inner layers. Ground fill on
outer layers also removed.
Figure 9-6. Operational Amplifier Board Layout for Noninverting Configuration
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com