Electronic Components Datasheet Search
  English  ▼

X  

TRF2001VBAR Datasheet(PDF) 14 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 10Page - Texas Instruments TRF2001VBAR Datasheet HTML 11Page - Texas Instruments TRF2001VBAR Datasheet HTML 12Page - Texas Instruments TRF2001VBAR Datasheet HTML 13Page - Texas Instruments TRF2001VBAR Datasheet HTML 14Page - Texas Instruments TRF2001VBAR Datasheet HTML 15Page - Texas Instruments TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments TRF2001VBAR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
5.9 Typical Characteristics - Receive (continued)
at TA = 25℃, VCC_PA = VCC = 3.3V, input = ANT, output = TR, RX_FLT shorted to LNA_IN, TX_FLT shorted to PA_IN, 50Ω
source and load at input and output RF pins, respectively, and de-embedded up to the device pins, frequency and ambient
temperatures shown (unless otherwise noted)
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, 3.1V
GP, 3.3V
GP, 3.6V
PO, 3.1V
PO, 3.3V
PO, 3.6V
f = 867MHz, VCC as shown, VCC = VCC_PA
Figure 5-37. Gain and PO vs PIN Across Supply Voltage
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, −40C
GP, 25C
GP, 85C
PO, −40C
PO, 25C
PO, 85C
f = 867MHz
Figure 5-38. Gain and PO vs PIN Across Temperature
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, 3.1V
GP, 3.3V
GP, 3.6V
PO, 3.1V
PO, 3.3V
PO, 3.6V
f = 902MHz, VCC as shown, VCC = VCC_PA
Figure 5-39. Gain and PO vs PIN Across Supply Voltage
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, −40C
GP, 25C
GP, 85C
PO, −40C
PO, 25C
PO, 85C
f = 902MHz
Figure 5-40. Gain and PO vs PIN Across Temperature
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, 3.1V
GP, 3.3V
GP, 3.6V
PO, 3.1V
PO, 3.3V
PO, 3.6V
f = 915MHz, VCC as shown, VCC = VCC_PA
Figure 5-41. Gain and PO vs PIN Across Supply Voltage
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
6
-12
7
-10
8
-8
9
-6
10
-4
11
-2
12
0
13
2
14
4
15
6
16
8
17
10
18
12
GP, −40C
GP, 25C
GP, 85C
PO, −40C
PO, 25C
PO, 85C
f = 915MHz
Figure 5-42. Gain and PO vs PIN Across Temperature
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com