Electronic Components Datasheet Search
  English  ▼

X  

TRF2001VBAR Datasheet(PDF) 18 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 14Page - Texas Instruments TRF2001VBAR Datasheet HTML 15Page - Texas Instruments TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments TRF2001VBAR Datasheet HTML 18Page - Texas Instruments TRF2001VBAR Datasheet HTML 19Page - Texas Instruments TRF2001VBAR Datasheet HTML 20Page - Texas Instruments TRF2001VBAR Datasheet HTML 21Page - Texas Instruments TRF2001VBAR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TRF2001 is a FEM typically used with wireless SoCs to extend the communication range beyond what the
SoCs are natively capable of, and to provide an improved link budget. The primary application of the TRF2001 is
in the ISM band frequency range of 860MHz to 930MHz.
7.2 Typical Application
7.2.1 TRF2001 as Range Extender
Figure 7-1 shows a typical application of the TRF2001 when used as a range extender, paired with CC1314R10
or similar wireless MCUs.
CC1314R10 or similar Sub-1GHz Wireless MCU
TRF2001 Front-End Module
PA
Output
Matching
Input
Matching
Digital Controls
LNA
Digital
PLL
DAC
DAC
ADC
ADC
PA
RF CORE
Modem
Input
Matching
Power
Detector
RF
RAM
RF
ROM
ANT
Switch
TR Switch
Output
Matching
LNA
Balun &/Or
Matching Network
R
C
3.3V
100pF
0.1μF
1μF
VCC_PA
VCC
Analog IO
CEN
CTR
CIB
Wireless MCU
Digital Controls
RF_P
RF_N
TR
TX_FLT
PA_IN
LNA_IN RX_FLT
ANT
VDET
Figure 7-1. TRF2001 as Range Extender Paired with CC1314R10 Wireless MCU
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com