Electronic Components Datasheet Search
  English  ▼

X  

TRF2001VBAR Datasheet(PDF) 17 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 13Page - Texas Instruments TRF2001VBAR Datasheet HTML 14Page - Texas Instruments TRF2001VBAR Datasheet HTML 15Page - Texas Instruments TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments TRF2001VBAR Datasheet HTML 18Page - Texas Instruments TRF2001VBAR Datasheet HTML 19Page - Texas Instruments TRF2001VBAR Datasheet HTML 20Page - Texas Instruments TRF2001VBAR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
6.3 Feature Description
Besides the PA, LNA, the TR switch, and the ANT switch, the TRF2001 integrates additional functions such as a
harmonic rejection filter and a power detector in a small 4.5mm × 4.5mm package.
The integrated harmonic rejection filter either eliminates the need for an external filter to the antenna or notably
relaxes the rejection requirements of the external filter if the system requires one. The TRF2001 inherently
achieves second and third order harmonic rejection below –56dBc and –64.5dBc, respectively, at PO = 27dBm
without any external filtering. The integrated power detector provides analog voltage output corresponding to the
output power as shown in Figure 5-6 and has a very stable response across temperature and supply voltage.
6.4 Device Functional Modes
The TRF2001 has three functional modes: Transmit (TX), Receive (RX), and power down mode. The operating
mode of the device is set using the digital control pins, CEN, CTR, and CIB as shown in Digital Mode Control
Logic. In the TX mode, the PA path is enabled by connecting the TR switch to the TX_FLT pin and the ANT
switch to the PA output path. In the RX mode, the TR switch connects to the LNA path and the ANT switch
connects to the RX_FLT pin. For the TX path, connect an optional TX filter between TX_FLT and PA_IN to reject
out-of-band spurs from the SoC or short the TX_FLT to PA_IN. Connect an optional RX filter between RX_FLT
and LNA_IN pins to reject out-of-band signals coming in at the ANT pin or short RX_FLT to LNA_IN to engage
the LNA in the receive path.
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com