Electronic Components Datasheet Search
  English  ▼

X  

TRF2001VBAR Datasheet(PDF) 20 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments TRF2001VBAR Datasheet HTML 18Page - Texas Instruments TRF2001VBAR Datasheet HTML 19Page - Texas Instruments TRF2001VBAR Datasheet HTML 20Page - Texas Instruments TRF2001VBAR Datasheet HTML 21Page - Texas Instruments TRF2001VBAR Datasheet HTML 22Page - Texas Instruments TRF2001VBAR Datasheet HTML 23Page - Texas Instruments TRF2001VBAR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
7.2.1.3 Application Curves
Figure 7-3 shows the OTA PER results for setup A, measured over a relatively straight distance between the
transmitter and the receiver, with TRF2001 as the range extender function (CC1314R10+TRF2001) and without
the TRF2001 (CC1314R10 standalone). PER of approximately 5.5%, well below the 10% target, is achieved
over a distance of 3.6 miles with TRF2001, while without the TRF2001 PER worsens by almost 5× the target.
Figure 7-4 shows the RX sensitivity comparison for setup B, with and without the TRF2001 as the range
extender. The conducted measurements show, TRF2001 improves RX sensitivity by approximately 6dB to 8dB
versus the standalone CC1314R10 setup.
Distance (miles)
0
20
40
60
80
100
1.1
2.1
3.6
5.2
0
2.83
5.5
25.5
0
48
86
5.5
CC1314R10+TRF2001
CC1314R10 standalone
10% PER
OTA measurement, lower PER the better
Figure 7-3. PER vs Distance for Setup A
Configuration
-114
-110
-106
-102
-98
-94
50kpbs
300kbps
-111.8
-104.7
-106
-97
CC1314R10+TRF2001
CC1314R10 standalone
f = 915MHz, Wi-SUN 2-GFSK, RX sensitivity at antenna
port for PER < 10%
Figure 7-4. RX Sensitivity vs Configuration for
Setup B
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com