Electronic Components Datasheet Search
  English  ▼

X  

TRF2001VBAR Datasheet(PDF) 19 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 15Page - Texas Instruments TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments TRF2001VBAR Datasheet HTML 18Page - Texas Instruments TRF2001VBAR Datasheet HTML 19Page - Texas Instruments TRF2001VBAR Datasheet HTML 20Page - Texas Instruments TRF2001VBAR Datasheet HTML 21Page - Texas Instruments TRF2001VBAR Datasheet HTML 22Page - Texas Instruments TRF2001VBAR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
7.2.1.1 Design Requirements
Use TRF2001 to extend the communication range and the TX output power in a sub-1GHz system using
CC1314R10 wireless MCU. The design parameters in Table 7-1 are for a transmitter and receiver setup,
operating at 915MHz frequency with an approximately 1:1 VSWR antenna system.
Table 7-1. Design Parameters
SETUP
PROTOCOL
CONFIGURATION
DESIGN PARAMETER
VALUE
Setup A: Over-the-air (OTA)
packet error rate (PER) testing
SimpleLink Long Range
•
34kHz bandwidth
•
1:4 direct sequence spread
spectrum (DSSS)
•
2.5kbps effective data rate
TX power
≥ 27dBm
PER%
≤ 10%
Setup B: Receiver sensitivity
testing
Wi-SUN 2-GFSK
•
50kbps
•
±25kHz deviation
•
100kHz RX bandwidth
RX sensitivity
improvement at antenna
for PER < 10% vs
standalone CC1314R10
≥ 5dB
•
300kbps
•
±75kHz deviation
•
496kHz RX bandwidth
≥ 7dB
7.2.1.2 Detailed Design Procedure
The TRF2001 has integrated 50Ω matching elements and in a 50Ω matched system, does not require any
external matching components at the TR or ANT pins. Use the CC1314R10 LaunchPad™ design as reference
to design the balun and the matching network interface between the CC1314RF10 and TRF2001 as shown in
Figure 7-2. Add an optional SAW filter, FL4 in Figure 7-2, to filter any spurs from CC1314RF10 from reaching the
TRF2001.
To antenna
or connector
Figure 7-2. TRF2001 Interface Design to CC1314R10 Wireless MCU
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com