Electronic Components Datasheet Search
  English  ▼

X  

SL1466 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL1466
Description  Wideband PLL FM Demodulator Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1466 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL1466 Datasheet HTML 1Page - Mitel Networks Corporation SL1466 Datasheet HTML 2Page - Mitel Networks Corporation SL1466 Datasheet HTML 3Page - Mitel Networks Corporation SL1466 Datasheet HTML 4Page - Mitel Networks Corporation SL1466 Datasheet HTML 5Page - Mitel Networks Corporation SL1466 Datasheet HTML 6Page - Mitel Networks Corporation SL1466 Datasheet HTML 7Page - Mitel Networks Corporation SL1466 Datasheet HTML 8Page - Mitel Networks Corporation SL1466 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
s Single chip PLL system for wideband FM
demodulation
s Simple low component count application
s Fully balanced low radiation design
s High operating input sensitivity
s 2 stage AGC detect for control over internal and
external AGC stages
s Low distortion video output drive
s Video polarity invert
s Digital AFC with window adjust
s ESD protection (Normal ESD handling procedures
should be observed)
ORDERING INFORMATION
SL1466/KG/QP1S
Fig.1 Pin connections - top view
The SL1466 is a wideband PLL FM demodulator, intended
primarily for application in satellite tuners.
The device contains all elements necessary, with the
exception of external local oscillator tank and loop filter
components, to form a complete PLL system operating at 403
or 480MHz.
An AFC system is provided, whose output signals can be
used to correct for any frequency drift at the head end local
oscillator.
APPLICATIONS
s Satellite receiver systems
s Data communications systems
Fig. 2 Block diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VCC
VIDEO FB+
VIDEO +
VIDEO –
VIDEO FB–
IF V CC
IF IPB
IF GND
AGC TIME CONSTANT
IF AGC SET
RF AGC SET
NC
RF AGC CONTROL
GND
DIGF LO
DIGF HI
AFC SET
AFC WINDOW
OSC VCC
OSC +
OSC –
OSC GND
VCO GAIN SET
VIDEO DRIVE
VIDEO POL SELECT
NC
NC
QP28
IF IP
AGC
AMP
IF IP
NC
NC
RF AGC CONTROL
NC
AGC
DETECT
RF AGC
SET
AGC TIME
CONST
LO
TANK
VCO
GAIN SET
DIGF HI
DIGF LO
AFC WINDOW
AFC SET
VIDEO
POLARITY
VIDEO DRIVE
VIDEO FB–
VIDEO –
VIDEO +
VIDEO FB+
S/H
AFC
IF IPB
21
22
13
16
15
Vcc
GND
28
1
14
17
18
IF
AGC
SET
19
7
8
10
27
26
25
24
11
12
4
5
2
3
PHASE
DETECTOR
REF
ON CHIP
VCO
SELECT
SL1466
Wideband PLL FM Demodulator
Preliminary Information
DS 3979 2.2 August 1997


Similar Part No. - SL1466

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
SL1466KG ZARLINK-SL1466KG Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
SL1466QP1S ZARLINK-SL1466QP1S Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
More results

Similar Description - SL1466

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS541 ICST-ICS541 Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
WIDEBAND PLL FM DEMODULATOR
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
Wideband PLL FM Demodulator
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
WIDEBAND PLL FM DEMODULATOR
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
Wideband PLL FM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com