Electronic Components Datasheet Search
  English  ▼

X  

SL1466 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SL1466
Description  Wideband PLL FM Demodulator Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1466 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SL1466 Datasheet HTML 1Page - Mitel Networks Corporation SL1466 Datasheet HTML 2Page - Mitel Networks Corporation SL1466 Datasheet HTML 3Page - Mitel Networks Corporation SL1466 Datasheet HTML 4Page - Mitel Networks Corporation SL1466 Datasheet HTML 5Page - Mitel Networks Corporation SL1466 Datasheet HTML 6Page - Mitel Networks Corporation SL1466 Datasheet HTML 7Page - Mitel Networks Corporation SL1466 Datasheet HTML 8Page - Mitel Networks Corporation SL1466 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SL1466
The SL1466 is normally used as a type 2 second order loop
and can be represented by the above diagram. for such a
system the following loop parameters apply.
T
1
= C1 R1
T
2
= C1 R2
and
T
1
= K
o
K
D
/
ω
n
2
T
2
=2
ξ/ω
n
where:
K
O
is the VCO gain in radians seconds per volt
K
D
is the phase detector gain in volts per radian
ω
n
is the natural loop bandwidth
ξ is the loop damping factor
From these factors the loop 3dB bandwidth can be
determined from the following expression;
which approximates to
ω
3dB
= 2
ξω
n
, when
ξ >>1
N.B. VCO gain within the PLL is three times higher than at the
video drive pin due to gain in the output stage.
NOTE: R1 is the loop amplifier input resistor. R2 and C2 are
the generic designators for the loop components R7-R9 and
C9, C14 on the circuit diagram.
AGC FACILITY
A sophisticated two stage level detect circuit has been
provided which will control both internal IF AGC and external
tuner AGC amplifiers in order to maintain a fixed level to the
input of the phase detector of around –20dBm for optimum
threshold performance. The internal AGC amplifier provides
50dB of gain adjust and the external AGC control provides for
15dB of gain adjust, thus covering 65dB of dynamic range at
the tuner input.
The RF output current RF AGC CONTROL can be
converted to a positive gradient control voltage by an external
resistor.
AFC FACILITY
The SL1466 contains a digital frequency error detect circuit,
which generates an output consisting of two logic flags,
DIGFHI and DIGFLO, dependant on whether the LO
frequency is above or below the input frequency. These flags
have an overlap region where both are high; this is equivalent
to the deadband window.
The function of the AFC outputs is shown in Fig. 7 and the
accompanying Table.
ω2 = ω2(2ξ2 + 1) + ω2
√ ((2ξ2 + 1) + 1
3dB
n
n
Fig. 4 RF AGC control current and AGC time cinstant voltage vs Input power
AGC TIME
CONSTANT (V)
-10
400
350
300
250
200
150
100
50
0
-90
-70
-50
-30
RFCONT
TC
Pin dBm
RFC AGC CONTROL CURRENT (
µA)
4V
3V
2V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com