Electronic Components Datasheet Search
  English  ▼

X  

SL1466 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL1466
Description  Wideband PLL FM Demodulator Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1466 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL1466 Datasheet HTML 1Page - Mitel Networks Corporation SL1466 Datasheet HTML 2Page - Mitel Networks Corporation SL1466 Datasheet HTML 3Page - Mitel Networks Corporation SL1466 Datasheet HTML 4Page - Mitel Networks Corporation SL1466 Datasheet HTML 5Page - Mitel Networks Corporation SL1466 Datasheet HTML 6Page - Mitel Networks Corporation SL1466 Datasheet HTML 7Page - Mitel Networks Corporation SL1466 Datasheet HTML 8Page - Mitel Networks Corporation SL1466 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SL1466
ELECTRICAL CHARACTERISTICS
T
AMB = -20°C to +80°C, VCC = +4.75 to +5.25V.
These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current, Icc
6,23,28
65
mA
RF Section
Operating frequency
21, 22
480
MHz
Input sensitivity
21, 22
-60
dBm
At 27
°C
Input overload
21, 22
0
-7
dBm
Input Impedance
21, 22
75
Ω
Internal AGC AMP range
50
dB
VCO Section
VCO dF/dV (K
o
)
10
54
MHz/V
VCO supply sensitivity
6,7,8,9
1.0
MHz/V
At 27
°C
VCO temperature sensitivity
7,8
0.05
MHz/
°C
0-55
°C, V
CC
=5V, 750ppmNTC, 0.5pF
tuning cap.
Video section
Phase detector gain (K
d
)
0.5
V/rad
Differential loop filter
Loop amplifier input
570
Ω
R1 in note on loop parameters
impedance
Video drive output swing
11
0.9
Vp-p
Into 75
Ω, 18MHz frequency deviation
11
1.8
Vp-p
Into 1K
Ω, 18MHz frequency deviation
Video drive output
11
100
Ω
At 27
°C
Impedance
Video drive luminance
non - linearity
11
2
%
75
Ω load
Differential gain
11
±2%
75
Ω load
Differential phase
11
±2
Deg
75
Ω load
Tilt
11
1.0
%
75
Ω load
Base line distortion
11
0.5
dB
75
Ω load
Intermodulation
11
-46
-40
dB
75
Ω load, see note 1
Signal/noise
11
58
dB
75
Ω load, see note 2
Video polarity select input
12
V
EE
V
Negative polarity
Low
Video polarity select input
12
V
CC
V
Positive polarity
High
Video polarity switch
12
10
µAV
CC
=5.25V
V
in
=0V
leakage current
Video polarity switch
12
10
µAV
CC
=5.25V
V
in
=5.25V
leakage current
Positive to negative video
11
1
dB
gain balance
AFC section
AFC window minimum
0.44
MHz
Deadband measured at 90% of
widths
AFC high voltage
AFC output high voltage
2,3
V
CC
-0.4
V
CC
V
AFC output low voltage
2,3
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com