Electronic Components Datasheet Search
  English  ▼

X  

SL1466 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SL1466
Description  Wideband PLL FM Demodulator Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1466 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SL1466 Datasheet HTML 1Page - Mitel Networks Corporation SL1466 Datasheet HTML 2Page - Mitel Networks Corporation SL1466 Datasheet HTML 3Page - Mitel Networks Corporation SL1466 Datasheet HTML 4Page - Mitel Networks Corporation SL1466 Datasheet HTML 5Page - Mitel Networks Corporation SL1466 Datasheet HTML 6Page - Mitel Networks Corporation SL1466 Datasheet HTML 7Page - Mitel Networks Corporation SL1466 Datasheet HTML 8Page - Mitel Networks Corporation SL1466 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SL1466
NOTE:
1. Product of input modulation f
1 at 4.43MHz p-p deviation and f2 at 6MHz, 2MHz p-p deviation, (PAL
chroma and sound subcarriers).
2. Ratio of luminance bar amplitude (100% white), 13.5MHz p-p deviation, to output rms noise in 6MHz
bandwidth with no input modulation.
3. The above characteristics were measured in the Application circuit shown in Fig.10, with an input power of
-50dBm andƒ(RFIN) =480MHz, unless otherwise stated.
Characteristic
Min
Max
Units
Conditions
Supply voltage
-0.3
7
V
RF input voltage
2.5
Vp-p
Storage temperature
-55
125
°C
Junction temperature
150
°C
QP 28 package thermal
93
°C/W
resistant, chip to ambient
QP 28 package thermal
34
°C/W
resistance, chip to case
ESD protection
2
kV
Mil std 883B method 30115 cat 1.
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to V
EE
at 0V
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
(Note units are MHz, Amps and Volts)
1
GND
Chip ground
2
DIGFLO
Flag = high when F (local oscillator) < F (IFIN) - F (WINDOW)/2
3
DIGFHI
Flag = high when F (local oscillator) >F (IFIN) + F (WINDOW)/2
4
AFCSET
Connected to V
CC
5
AFCWINDOW
Control input current sink sets width of AFCWINDOW
F =2250 K
o
x I where I is the AFCWINDOW current
F is the window width and K
o
is the VCO gain
6
OSC V
CC
Oscillator V
CC
7
OSC+
External tank
8
OSC-
External tank
9
OSC GND
Oscillator ground
10
VCO GAIN SET
Control voltage input to set VCO GAIN. Connect to V
CC
11
VIDEO DRIVE
Video output (1K
Ω, 1.8V p-p)
12
VIDEO POL SELECT
Control voltage input to set Video polarity. 0 Volts = inverted,
5 Volt = normal
13
NC
14
NC
15
RF AGC CONTROL
Control output current to tuner AGC control port. See Fig. 4.
16
NC
17
IF AGC SET
Connect to V
CC
via 6k8 Ohm resistor
18
AGC TIME CONSTANT
Control input current source. Pulse at carrier frequency F(IFIN) with
mark/space proportional to applied device AGC gain.
Use external R-C to set time constant. 47K, 100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com