Electronic Components Datasheet Search
  English  ▼

X  

SL1466 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SL1466
Description  Wideband PLL FM Demodulator Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1466 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SL1466 Datasheet HTML 1Page - Mitel Networks Corporation SL1466 Datasheet HTML 2Page - Mitel Networks Corporation SL1466 Datasheet HTML 3Page - Mitel Networks Corporation SL1466 Datasheet HTML 4Page - Mitel Networks Corporation SL1466 Datasheet HTML 5Page - Mitel Networks Corporation SL1466 Datasheet HTML 6Page - Mitel Networks Corporation SL1466 Datasheet HTML 7Page - Mitel Networks Corporation SL1466 Datasheet HTML 8Page - Mitel Networks Corporation SL1466 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SL1466
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
(Note units are MHz, Amps and Volts)
19
RF AGC SET
Connect to V
CC
via 1.8K resistor
20
IF GND
IF stage ground
21
IF IP
IF input (preferred input for single ended use)
22
IF IPB
IF input
23
IF V
CC
IF stage V
CC
24
VIDEO FB-
Loop amp negative input. Connected to VIDEO + via loop network
25
VIDEO-
Loop amp negative output
26
VIDEO+
Loop amp positive output
27
VIDEO FB+
Loop amp positive input. Connected to VIDEO- via loop network
28
V
CC
Chip V
CC
FUNCTIONAL DESCRIPTION
The SL1466 is a wideband PLL FM demodulator,
optimised for application in satellite receiver systems and
requiring a minimal external component count. It contains all
the elements required for the construction of a phase locked
loop circuit, with the exception of tuning components for the
local oscillator. Also included is an AFC detector circuit for
generation of error signals to correct for any frequency drift in
the outdoor unit local oscillator. A block diagram is shown in
Fig. 2 and a typical application in Fig. 6.
The internal pin connections are shown in Fig. 1.
In normal applications the second satellite IF of typically
403.2 or 479.5 MHz is fed to the RF preamplifier, which
contains a two stage level detect circuit. This generates two
AGC signals, one of which controls the gain of the internal IF
amplifier stage and one which can be used for controlling the
gain of an external RF preamplifier so maintaining a fixed level
to the input of the phase detector for optimum threshold,
performance. The typical AGC curves are shown in Fig. 4.
The output of the preamplifier is fed to the mixer section
which is of a balanced design for low radiation. In this stage the
IF signal is mixed with the local oscillator signal, which is
generated by an on board oscillator.
The oscillator is tuned internally, requiring only an external
fixed LC tank and is optimised for high linearity over the normal
deviation range. Typical frequency versus video drive voltage
response for the oscillator is shown in Fig. 8. This response
was measured with a modulated carrier. The compensated
oscillator temperature stability is typically 0.05MHz/
°C.
The gain of the oscillator is nominally Ko = 54MHz/Volt.
Note: Because there is a x3 amplifier in the video output
section, the overall chip gain (MHz/V) is one third of the VCO
gain or18MHz/Volt. The gain may be set accurately by means
of potential divider connected to Pin 10. (+4.5V)
The output of the mixer is then fed to the loop amplifier
around which feedback is applied to determine loop amplifier
transfer characteristics. The output of the loop amplifier is
referenced so as to eliminate V
CC
dependence of the VCO.
The loop amplifier drives a buffer amplifier, which can be
connected to a 75 Ohm load or a high impedance stage to give
greater linearity and approximately 6dB higher demodulated
signal. The video polarity can be inverted depending on the
sense of the video polarity select input; open circuit or a
resistor to V
CC
gives positive video whereas a resistor to V
EE
gives negative video.
R2
C1
VIDEO DRIVE
RF INPUT
VCO
R1
VCO GAIN = Ko RAD/SEC/VOLT
VIDEO
X 3
PHASE DETECTOR
GAIN = Kd VOLT/RAD
Fig. 3 Design of PLL loop parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com