Electronic Components Datasheet Search
  English  ▼

X  

5P35021 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 5P35021
Description  VersaClock® Programmable Clock Generator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P35021 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 5P35021 Datasheet HTML 35Page - Renesas Technology Corp 5P35021 Datasheet HTML 36Page - Renesas Technology Corp 5P35021 Datasheet HTML 37Page - Renesas Technology Corp 5P35021 Datasheet HTML 38Page - Renesas Technology Corp 5P35021 Datasheet HTML 39Page - Renesas Technology Corp 5P35021 Datasheet HTML 40Page - Renesas Technology Corp 5P35021 Datasheet HTML 41Page - Renesas Technology Corp 5P35021 Datasheet HTML 42Page - Renesas Technology Corp 5P35021 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
©2016-2026 Renesas Electronics Corporation
June 2, 2026
5P35021 Datasheet
Byte 23: PLL2 Period Control
Byte 24: PLL2 Control Register
Byte 25: PLL2 Charge Pump Control
Byte 17h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_PERIOD[7]
PLL2 period control bit 7
R/W
-
-
0
Bit 6
PLL2_PERIOD[6]
PLL2 period control bit 6
R/W
-
-
0
Bit 5
PLL2_PERIOD[5]
PLL2 period control bit 5
R/W
-
-
0
Bit 4
PLL2_PERIOD[4]
PLL2 period control bit 4
R/W
-
-
0
Bit 3
PLL2_PERIOD[3]
PLL2 period control bit 3
R/W
-
-
0
Bit 2
PLL2_PERIOD[2]
PLL2 period control bit 2
R/W
-
-
0
Bit 1
PLL2_PERIOD[1]
PLL2 period control bit 1
R/W
-
-
0
Bit 0
PLL2_PERIOD[0]
PLL2 period control bit 0
R/W
-
-
0
Byte 18h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_PERIOD[9]
PLL2 period control bit 9
R/W
-
-
0
Bit 6
PLL2_PERIOD[8]
PLL2 period control bit 8
R/W
-
-
0
Bit 5
PLL2_SSEN
PLL2 spread spectrum enable
R/W
disable
enable
0
Bit 4
PLL2_R100K
PLL2 Loop filter resister 100kohm
-
bypass
plus 100kohm
0
Bit 3
PLL2_R50K
PLL2 Loop filter resister 50kohm
-
bypass
plus 50kohm
0
Bit 2
PLL2_R25K
PLL2 Loop filter resister 25kohm
-
bypass
plus 25kohm
0
Bit 1
PLL2_R12.5K
PLL2 Loop filter resister 12.5kohm
-
bypass
plus 12.5kohm
0
Bit 0
PLL2_R6K
PLL2 Loop filter resister 6kohm
-
bypass
only 6kohm applied
0
Byte 19h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_CP_16X
PLL2 charge pump control
R/W
-
x16
0
Bit 6
PLL2_CP_8X
PLL2 charge pump control
R/W
-
x8
0
Bit 5
PLL2_CP_4X
PLL2 charge pump control
R/W
-
x4
1
Bit 4
PLL2_CP_2X
PLL2 charge pump control
R/W
-
x2
0
Bit 3
PLL2_CP_1X
PLL2 charge pump control
R/W
-
x1
0
Bit 2
PLL2_CP_/24
PLL2 charge pump control
R/W
-
/24
1
Bit 1
PLL2_CP_/3
PLL2 charge pump control
R/W
-
/3
0
Bit 0
PLL2_SIREF
PLL2 SiRef current selection
R/W
10μA
20μA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com