Electronic Components Datasheet Search
  English  ▼

X  

5P35021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 5P35021
Description  VersaClock® Programmable Clock Generator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P35021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  5P35021 Datasheet HTML 1Page - Renesas Technology Corp 5P35021 Datasheet HTML 2Page - Renesas Technology Corp 5P35021 Datasheet HTML 3Page - Renesas Technology Corp 5P35021 Datasheet HTML 4Page - Renesas Technology Corp 5P35021 Datasheet HTML 5Page - Renesas Technology Corp 5P35021 Datasheet HTML 6Page - Renesas Technology Corp 5P35021 Datasheet HTML 7Page - Renesas Technology Corp 5P35021 Datasheet HTML 8Page - Renesas Technology Corp 5P35021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
©2016-2026 Renesas Electronics Corporation
June 2, 2026
Description
The 5P35021 is a VersaClock programmable clock generator and
is designed for low-power, consumer, and high-performance PCI
Express applications. The 5P35021 device is a three PLL
architecture design, and each PLL is individually programmable
and allowing for up to six unique frequency outputs.
The 5P35021 has built-in unique features such as Proactive
Power Saving (PPS), Performance-Power Balancing (PPB),
Overshot Reduction Technology (ORT) and Extreme Low Power
DCO. An internal OTP memory allows the user to store the
configuration in the device. After power up, the user can change
the device register settings through the I2C interface when I2C
mode is selected.
The device has programmable VCO and PLL source selection to
allow the user to do power-performance optimization based on the
application requirements. It also supports three single-ended
outputs and two pair of differential outputs that support LVCMOS,
LVPECL, LVDS and LP-HCSL. A Low Power 32.768kHz clock is
supported with only less than 2µA current consumption for system
RTC reference clock.
Typical Applications
▪ PCIe Gen1–3 clock generator
▪ Consumer application crystal replacements
▪ SmartDevice, Handheld
▪ Computing and consumer applications
▪ Automotive applications (infotainment, dashboard,
camera/vision, computing, networking)
Key Specifications
▪ PCIe clocks phase jitter: PCIe Gen3
▪ Differential clocks < 1.5ps rms jitter integer range
12kHz–20MHz
Features
▪ Configurable OE pin function as OE, PD#, PPS or DFC control
function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the
end device power down mode
▪ PPB: Performance Power Balancing feature allows minimum
power consumption based on required performance
▪ DFC: Dynamic Frequency Control feature allows user to
dynamically switch between and up to 4 different frequencies
smoothly
▪ Two PLLs support independent spread spectrum clocks to
lower system EMI
▪ Store user configuration into OTP memory
▪ I2C interface
▪ Available in two temperature ranges:
• Automotive (AEC-Q100 Grade 2): -40°C to +105°C
• Industrial: -40°C to +85°C
Output Features
▪ 2 DIFF outputs with configurable LP-HSCL, LVDS, LVPECL,
LVCMOS output pairs. 1MHz–500MHz (160MHz with LVCMOS
mode)
▪ 1 LVCMOS outputs: 1MHz–160MHz
▪ Maximum 5 LVCMOS outputs as 1× dedicated SE output and 2
DIFF outputs as 4 single ended outputs
▪ Low power 32.768kHz clock supported for SE1 output
5P35021
Datasheet
VersaClock® Programmable Clock
Generator


Similar Part No. - 5P35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35021 IDT-5P35021 Datasheet
453Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5P35021 RENESAS-5P35021 Datasheet
989Kb / 46P
Configurable OE pin function as OE, PD#, PPS or DFC control
5P35021 RENESAS-5P35021 Datasheet
1,002Kb / 48P
VersaClock® Programmable Clock Generator
December 15, 2025
5P35021-000NDG2 RENESAS-5P35021-000NDG2 Datasheet
989Kb / 46P
Configurable OE pin function as OE, PD#, PPS or DFC control
More results

Similar Description - 5P35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com