Electronic Components Datasheet Search
  English  ▼

X  

5P35021 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 5P35021
Description  VersaClock® Programmable Clock Generator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P35021 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 5P35021 Datasheet HTML 40Page - Renesas Technology Corp 5P35021 Datasheet HTML 41Page - Renesas Technology Corp 5P35021 Datasheet HTML 42Page - Renesas Technology Corp 5P35021 Datasheet HTML 43Page - Renesas Technology Corp 5P35021 Datasheet HTML 44Page - Renesas Technology Corp 5P35021 Datasheet HTML 45Page - Renesas Technology Corp 5P35021 Datasheet HTML 46Page - Renesas Technology Corp 5P35021 Datasheet HTML 47Page - Renesas Technology Corp 5P35021 Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
(PCB Top View, NSMD Design)
Seating Plane
3.00 ±0.10
3.00 ±0.10
Pin 1 ID
TOP VIEW
BOTTOM VIEW
SIDE VIEW
0.08 C
RECOMMENDED LAND PATTERN
0.90 ±0.10
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
5.
Pin#1 ID is identified by either chamfer or notch.
C
(0.20)
0.05 Max
1
5
6
10
11
15
16
20
min 0.20
0.40 ±0.10
1.65 ±0.10
1.65 ±0.10
0.40
0.20
Package
Outline
1.65
3.30
2.20
1.65
1.65
0.20
0.40
A. PIN1 ID OPTION DETAILS
A. Pin1 ID
Option
A. Pin1 ID
Option
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4179-02
NDG20P2
20-VFQFPN 3.0 x 3.0 x 0.9 mm Body, 0.4mm Pitch
Rev.03, May 5, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com