Electronic Components Datasheet Search
  English  ▼

X  

5P35021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 5P35021
Description  VersaClock® Programmable Clock Generator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P35021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 5P35021 Datasheet HTML 9Page - Renesas Technology Corp 5P35021 Datasheet HTML 10Page - Renesas Technology Corp 5P35021 Datasheet HTML 11Page - Renesas Technology Corp 5P35021 Datasheet HTML 12Page - Renesas Technology Corp 5P35021 Datasheet HTML 13Page - Renesas Technology Corp 5P35021 Datasheet HTML 14Page - Renesas Technology Corp 5P35021 Datasheet HTML 15Page - Renesas Technology Corp 5P35021 Datasheet HTML 16Page - Renesas Technology Corp 5P35021 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
©2016-2026 Renesas Electronics Corporation
June 2, 2026
5P35021 Datasheet
Digital Spread Spectrum
Figure 6. Digital Spread Spectrum
Down spread or spread off
N = Fvco/Fpfd
Center Spread
N = Nssoff + N × SSamount/2
N: include integer and fraction
Fvco: VCOs frequency
Fpfd: PLLs pfd frequency
Fss: spread modulation rate
SSamount: spread percentage
The black line is for the down spread; N will decrease to make the center frequency is lower than spread off. The blue line is for the center
spread; there is an offset put on divider ratio to make the center frequency keep same as spread off.
Example: 0.5% down spread at 32kHz modulation rate.
VBAT
The 5P35021 supports a low-power operation 32.768kHz RTC clock with only a coin cell battery supply. The coin cell battery power
capacitance is usually 170mAhr or higher, with less than 2μA* low-power DCO operation mode will support application up to few years
clock source for date/time keeping circuit (RTC).
When main power exists (for example, VDD33 and VDDA), the 5P35021 will switch DCO power source to main power to save battery
power.
VBAT needs to be 3.0V–3.3V.
Table 12. VBAT Switching Threshold
VDD33
VBAT
DCO Power Source
> 2.5V
—
VDD33
< 2.3V
—
VBAT
Fout
*
2
Fvco
N
Fss
*
2
Fpfd
period
period
SSamount
*
N
step
VDD33
VBAT
Switch to VBAT
(VDD33 falling down to 2.3V)
Switch to VDD33
(VDD33 raise up to 2.5V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com