Electronic Components Datasheet Search
  English  ▼

X  

5P35021 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 5P35021
Description  VersaClock® Programmable Clock Generator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5P35021 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 5P35021 Datasheet HTML 17Page - Renesas Technology Corp 5P35021 Datasheet HTML 18Page - Renesas Technology Corp 5P35021 Datasheet HTML 19Page - Renesas Technology Corp 5P35021 Datasheet HTML 20Page - Renesas Technology Corp 5P35021 Datasheet HTML 21Page - Renesas Technology Corp 5P35021 Datasheet HTML 22Page - Renesas Technology Corp 5P35021 Datasheet HTML 23Page - Renesas Technology Corp 5P35021 Datasheet HTML 24Page - Renesas Technology Corp 5P35021 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
©2016-2026 Renesas Electronics Corporation
June 2, 2026
5P35021 Datasheet
1 Single CMOS driver active.
2 SE1 current measured with 2 inches transmission line and 5pF load, DIFF clock current measured with 5 inches transmission line with 2pF loads.
3 IDDCORE = IDDA+ IDDD, no loads.
Table 22. DC Electrical Characteristics (Automotive)1,2
Symbol
Parameter
Conditions
Minimum Typical Maximum Unit
IDDCORE
Core Supply Current
VDD = VDDSE1 = VDD33= 3.3; XTAL = 25MHz, PLL2/3
off, no output, PLLs disabled.
-
5
-
mA
IDD_PLL1 3 PLL1 Supply Current
VDD= VDDSE1 = VDD33 = 3.3V; XTAL = 25MHz, PLL2/3
off, no output, PLL1 = 600MHz.
-
13
-
mA
VDD= VDDSE1 = VDD33 = 2.5V; XTAL = 25MHz, PLL2/3
off, no output, PLL1 = 600MHz.
-
13
-
mA
IDD_PLL2 3 PLL2 Supply Current
VDD= VDDSE1 = VDD33 = 3.3V; XTAL = 25MHz, PLL1/3
off, no output, PLL2 = 1GHz.
-
11
-
mA
VDD= VDDSE1 = VDD33 = 2.5V; XTAL = 25MHz, PLL1/3
off, no output, PLL2 = 1GHz.
-
11
-
mA
IDD_PLL3 3 PLL3 Supply Current
VDD = VDDSE = VDD33 = 3.3V; XTAL = 25MHz, PLL1/2
off, no output, PLL3 = 480MHz.
-
4.7
-
mA
IDDOx
Output Buffer Supply
Current
LVPECL, 500MHz, 3.3V VDDDIFF (DIFF1,2).
-
39
-
mA
LVPECL, 156.25MHz, 2.5V VDDDIFF (DIFF1,2).
-
33
-
mA
LVDS, 500MHz, 3.3V VDDDIFF (DIFF1,2).
-
15
-
mA
LVDS, 250MHz, 2.5V VDDDIFF (DIFF1,2).
-
9
-
mA
LPHCSL, 125MHz, 3.3V VDDDIFF, 2pF load (DIFF1,2).
-
9
-
mA
LPHCSL, 100MHz, 2.5V VDDDIFF, 2pF load (DIFF1,2).
-
7
-
mA
LVCMOS, 8MHz, 3.3V, VDDSE1 1,2 (SE1).
-
1
-
mA
LVCMOS, 8MHz, 2.5V VDDSE1 1,2 (SE1).
-
1
-
mA
LVCMOS, 8MHz, 1.8V VDDSE1 1,2 (SE1).
-
1
-
mA
LVCMOS, 160MHz, 3.3V VDDSE1 1 (SE1).
-
9.5
-
mA
LVCMOS, 160MHz, 2.5V VDDSE1 1,2 (SE1).
-
9
-
mA
LVCMOS, 160MHz, 1.8V VDDSE1 1,2 (SE1).
-
6
-
mA
IDDPD
Power Down Current
PD asserted with VDDA, VDD33 and VDDSE on, I2C
programming, 32kHz running.
-
3.5
-
mA
IDDSUSPEND –
VDD33
IDDSUSPEND – VBAT
Only VBAT = 3.3V and VDDSE1 is powered.
-
1.1
-
μA
IDDSUSPEND –
SEn 3.3V
IDDSUSPEND – VDDSE1 3.3V Only VBAT = 3.3V and VDDSE1 is powered with 3.3V.
-
4.2
-
μA
IDDSUSPEND –
SEn 2.5V
IDDSUSPEND – VDDSE1 2.5V Only VBAT = 3.3V and VDDSE1 is powered with 2.5V.
-
3.2
-
μA
IDDSUSPEND –
SEn 1.8V
IDDSUSPEND – VDDSE1 1.8V Only VBAT = 3.3V and VDDSE1 is powered with 1.8V.
-
2.2
-
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com