Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB20 Datasheet(PDF) 34 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 34 Page - ABB

Back Button EPP-EB20 Datasheet HTML 30Page - ABB EPP-EB20 Datasheet HTML 31Page - ABB EPP-EB20 Datasheet HTML 32Page - ABB EPP-EB20 Datasheet HTML 33Page - ABB EPP-EB20 Datasheet HTML 34Page - ABB EPP-EB20 Datasheet HTML 35Page - ABB EPP-EB20 Datasheet HTML 36Page - ABB EPP-EB20 Datasheet HTML 37Page - ABB EPP-EB20 Datasheet HTML 38Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
35
—
RCBO DSE201 M - Type AC
Order codes
R C B O DSE 2 01 M - T Y P E AC – O R D ER CO D E S
Rated
residual
current IΔn [mA]
Rated
current
in A
Rated current in kA
Order codes
B Characteristic
C Characteristic
10
6
10kA/15kA
DSE201 M B6 AC10
DSE201 M C6 AC10
10
10kA/15kA
DSE201 M B10 AC10
DSE201 M C10 AC10
16
10kA/15kA
DSE201 M B16 AC10
DSE201 M C16 AC10
20
10kA/15kA
DSE201 M B20 AC10
DSE201 M C20 AC10
25
10kA/15kA
DSE201 M B25 AC10
DSE201 M C25 AC10
32
10kA/15kA
DSE201 M B32 AC10
DSE201 M C32 AC10
40
10kA/15kA
DSE201 M B40 AC10
DSE201 M C40 AC10
50
10kA
DSE201 M B50 AC10
DSE201 M C50 AC10
30
6
10kA/15kA
DSE201 M B6 AC30
DSE201 M C6 AC30
10
10kA/15kA
DSE201 M B10 AC30
DSE201 M C10 AC30
16
10kA/15kA
DSE201 M B16 AC30
DSE201 M C16 AC30
20
10kA/15kA
DSE201 M B20 AC30
DSE201 M C20 AC30
25
10kA/15kA
DSE201 M B25 AC30
DSE201 M C25 AC30
32
10kA/15kA
DSE201 M B32 AC30
DSE201 M C32 AC30
40
10kA/15kA
DSE201 M B40 AC30
DSE201 M C40 AC30
50
10kA
DSE201 M B50 AC30
DSE201 M C50 AC30
100
6
10kA/15kA
DSE201 M C6 AC100
10
10kA/15kA
DSE201 M C10 AC100
16
10kA/15kA
DSE201 M C16 AC100
20
10kA/15kA
DSE201 M C20 AC100
25
10kA/15kA
DSE201 M C25 AC100
32
10kA/15kA
DSE201 M C32 AC100
40
10kA/15kA
DSE201 M C40 AC100
50
10kA
DSE201 M C50 AC100
300
6
10kA/15kA
DSE201 M C6 AC300
10
10kA/15kA
DSE201 M C10 AC300
16
10kA/15kA
DSE201 M C16 AC300
20
10kA/15kA
DSE201 M C20 AC300
25
10kA/15kA
DSE201 M C25 AC300
32
10kA/15kA
DSE201 M C32 AC300
40
10kA/15kA
DSE201 M C40 AC300
50
10kA
DSE201 M C50 AC300
—
DSE201 M - Type AC
—
DSE201 M - Type A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com