Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB20 Datasheet(PDF) 47 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 47 Page - ABB

Back Button EPP-EB20 Datasheet HTML 43Page - ABB EPP-EB20 Datasheet HTML 44Page - ABB EPP-EB20 Datasheet HTML 45Page - ABB EPP-EB20 Datasheet HTML 46Page - ABB EPP-EB20 Datasheet HTML 47Page - ABB EPP-EB20 Datasheet HTML 48Page - ABB EPP-EB20 Datasheet HTML 49Page - ABB EPP-EB20 Datasheet HTML 50Page - ABB EPP-EB20 Datasheet HTML 51Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
48
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Height
mm
125/160A
Height
mm
250A
Width
mm
Depth
mm
EPP-HSL 2x4way
990
1,190
900
125
EPP-HSL 2x8way
1,130
1,330
900
125
EPP-HSL 2x12way
1,270
1,470
900
125
EPP-HSL 2x16way
1,450
1,650
900
125
EPP-HSL 2x20way
1,620
1,820
900
125
EPP-HSL 2x24way
1,760
1,960
900
125
—
01 / 02 Horizontal split-load boards
—
Protecta Plus
Dimensions
—
01 Horizontal
split-load boards
—
02 Connection
philosophy
—
03 Type A
distribution board
—
01
—
02
EPP-HSL
SLP-HSL
SLP-HSL
125A
160A
250A
160A
250A
125A
Isolator
Direct Connection kit
Meter & C.T
EPP-HSL kits are aligned from the base of the DB. SLP-HSL assemblies are aligned from the top od the DB. SLP-HSL are complete
assemblies designed for projects.
14
1SKC802015C0205
Consumer Units
Dimensional details (continued)
Housemaster compact sheet steal consumer unit surface mounted
256
256
110
88
110
C
142
A (mm)
No. of
Modules
Type Code
B (mm)
6
9
13
18
22
155
210
263
368
440
HSMS 04C
HSRC 04C
HSMS 07C
HSRC 07C
HSMS 11C
HSRC 11C
HSSL 4+4C
HSMS 16C
HSRC 16C
HSSL 6+6C
HSMS 20C
HSRC 20C
HSSL 8+8C
152
207
257
365
437
C (mm)
77
133
187
292
360
Comby steel flap consumer unit flush mounted
A (mm)
No. of
Modules
Type Code
B (mm)
203
257
262
434
ECS 107 DF
ECS 110 DF
ECS 116 DF
ECS 120 DF
7
10
16
20
229
283
386
460
C (mm)
133
187
292
366
256
142
110
C
250
276
Housemaster compact plastic consumer unit surface mounted
A (mm)
No. of
Modules
Type Code
B (mm)
6
9
13
18
22
100
140
210
280
350
HMMS 04C
HMRC 04C
HMMS 07C
HMRC 07C
HMMS 11C
HMRC 11C
HMSL 4+4C
HMMS 16C
HMRC 16C
HMSL 6+6C
HMMS 20C
HMRC 20C
HMSL 8+8C
190
230
300
370
440
A
B
123
122
226
—
03
Number
of modules
A
mm
B
mm
C
mm
HSMS 04C
4way
152
155
77
HSMS 07C
7way
207
210
133
HSMS 11C
11way
257
263
187
HSMS 16C
16way
265
368
292
HSMS 20C
20way
437
440
360
—
03 Housemaster compact sheet steal consumer unit (surface mounted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com